Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4063 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 2 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC4063
4063fb
ORDER PART
NUMBER
(Note 1)
Input Supply Voltage (VCC) ....................... – 0.3V to 10V
CHGEN, LDOEN, CHRG ............................. – 0.3V to 10V
FB ............................................................... – 0.3V to 8V
PROG, IDET, TIMER ...................... – 0.3V to VCC + 0.3V
BAT, OUT .................................................... –0.3V to 8V
BAT Short-Circuit Duration .......................... Continuous
OUT Short-Circuit Duration ......................... Continuous
BAT Pin Current (Note 8) .......................................... 1A
Maximum Junction Temperature (Note 7) ........... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
LTC4063EDD
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GROUND
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
●
4.3
8
V
ICC
ICC Supply Current
Charge Mode (Note 4), RPROG = 10k
●
400
800
µA
Standby Mode, Charge Terminated
●
100
200
µA
Shutdown (CHGEN = 5V, VCC < VBAT or VCC < VUV) ●
35
65
µA
CHGEN = 5V and LDOEN = 5V
●
15
30
µA
VFLOAT
VBAT Regulated Output Voltage
4.185
4.2
4.215
V
0
°C ≤ TA ≤ 85°C
4.170
4.2
4.230
V
IBAT
BAT Pin Current (Note 5)
RPROG = 10k, Constant-Current Mode
●
93
100
107
mA
RPROG = 1.25k, Constant-Current Mode
●
760
800
840
mA
Standby Mode, Charge Terminated
●
–3.5
–7
µA
Shutdown Mode (CHGEN = 5V, LDOEN = 5V)
●
±1
±2
µA
VPROG
PROG Pin Voltage
RPROG = 10k, Constant-Current Mode
0.97
1
1.03
V
RPROG = 1.25k, Constant-Current Mode
0.97
1
1.03
V
VCHRG
CHRG Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
6
10
14
mA
VBAT < VTRIKL, RPROG = 1.25k
60
80
100
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3
V
Hysteresis
100
mV
VUV
VCC Undervoltage Lockout Voltage
From Low to High
3.7
3.8
3.9
V
Hysteresis
200
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High, VBAT = 4.2V
145
180
220
mV
VCC from High to Low, VBAT = 4.2V
10
45
75
mV
VCHGEN
CHGEN Input Threshold Voltage
CHGEN Rising, 4.3V < VCC < 8V
0.4
0.7
1
V
Hysteresis
100
mV
RCHGEN
CHGEN Pin Pull-Down Resistor
●
1.2
2
5
M
Ω
VCT
Charge Termination Mode Threshold
VTIMER from High to Low
0.4
0.7
1
V
Voltage
Hysteresis
100
mV
VUT
User Termination Mode Threshold Voltage
VTIMER from Low to High
4.15
4.1
4.5
V
Hysteresis
100
mV
The
● indicates the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
PROG
IDET
TIMER
CHRG
BAT
OUT
FB
LDOEN
CHGEN
DD PART
MARKING
LBHX
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com