Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65192 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 9Page - Texas Instruments TPS65192 Datasheet HTML 10Page - Texas Instruments TPS65192 Datasheet HTML 11Page - Texas Instruments TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments TPS65192 Datasheet HTML 15Page - Texas Instruments TPS65192 Datasheet HTML 16Page - Texas Instruments TPS65192 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LEVEL SHIFTERS WITHOUT GATE VOLTAGE SHAPING
Q1
Q2
Channel
Control
VGH1
OUTx ToLCDPanel
VGL
INx
FromTiming
Controller
PANEL DISCHARGE
X
X
1
2
2
R EF
V
V
R
= R
1
= R
1
V
1.5 V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(2)
TPS65192
www.ti.com ....................................................................................................................................................................................................... SLVS962 – JULY 2009
Channels 7 through 9 do not support gate voltage shaping and are controlled only by the logic level applied to
their INX pin. Figure 23 contains a block diagram of a channel that does not support gate voltage shaping.
Figure 23. Block Diagram of Level Shifter Without Gate Voltage Shaping
The TPS65192 contains a function for discharging the display panel during power-down. The discharge function
comprises a comparator and a level shifter (see Figure 24). During normal operation, the voltage applied to the
VSENSE pin is greater than VREF, the output of the level shifter is low, and the DISCHARGE signal is at VGL.
During power-down, when the voltage applied to the VSENSE pin falls below VREF, the level shifter output goes
high and the DISCHARGE signal tracks VGH1 as it discharges (see Figure 16 and Figure 17). Note that gate
voltage shaping is disabled when the voltage applied to the VSENSE pin is less than VREF.
Figure 24. Panel Discharge Function Block Diagram
Suitable values for resistors R1 and R2 in Figure 24 can be calculated as follows:
Where Vx is the voltage used to activate/deactivate the discharge function.
For most applications, a value between 1k
Ω and 10kΩ for R2 can be used (R1 depends on the value of R2 and
the value of Vx).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com