Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65192 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65192 Datasheet HTML 1Page - Texas Instruments TPS65192 Datasheet HTML 2Page - Texas Instruments TPS65192 Datasheet HTML 3Page - Texas Instruments TPS65192 Datasheet HTML 4Page - Texas Instruments TPS65192 Datasheet HTML 5Page - Texas Instruments TPS65192 Datasheet HTML 6Page - Texas Instruments TPS65192 Datasheet HTML 7Page - Texas Instruments TPS65192 Datasheet HTML 8Page - Texas Instruments TPS65192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65192
SLVS962 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
ORDERING
PACKAGE
PACKAGE MARKING
–40°C to 85°C
TPS65192RHDR
28-Pin QFN
TPS65192
(1)
The device is supplied taped and reeled, with 3000 devices per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VGH1, VGH2
–0.3 to 45
V
Supply voltage (2)
VGL
0.3 to –15
V
IN1 through IN9, VSENSE, FLK1, FLK2, FLK3
–0.3 to 7.0
V
Input voltage(2)
RE
–0.3 to 45
V
Output current
RE
0.1
A
ESD rating
HBM
2
kV
MM
200
V
CDM
700
V
Continuous power dissipation
See Dissipation Rating Table
Operating ambient temperature range
–40 to 85
°C
Operating junction temperature range
–40 to 150
°C
Storage temperature range
–65 to 150
°C
Lead temperature (soldering, 10 sec)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND pin.
θ
JA
TA≤25°C
TA=70°C
TA=85°C
PACKAGE
POWER RATING
POWER RATING
POWER RATING
28-Pin QFN(1)
35°C/W
3.57W
2.29W
1.86W
(1)
This data is based on using a JEDEC High-K board with the exposed die pad connected to a Cu pad
on the board connected to the ground plane by a 2x3 thermal via matrix.
MIN
TYP
MAX
UNIT
VGH1, VGH2
Positive supply voltage range
12
30
38
V
VGL
Negative supply voltage range
–13
–7
–2
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com