Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65192 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65192 Datasheet HTML 1Page - Texas Instruments TPS65192 Datasheet HTML 2Page - Texas Instruments TPS65192 Datasheet HTML 3Page - Texas Instruments TPS65192 Datasheet HTML 4Page - Texas Instruments TPS65192 Datasheet HTML 5Page - Texas Instruments TPS65192 Datasheet HTML 6Page - Texas Instruments TPS65192 Datasheet HTML 7Page - Texas Instruments TPS65192 Datasheet HTML 8Page - Texas Instruments TPS65192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
TPS65192
www.ti.com ....................................................................................................................................................................................................... SLVS962 – JULY 2009
VGH1 = VGH2 = 30V; VGL = –7 V; TA = –40°C to 85°C; typical values are at 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IGH1
VGH1 Supply current
IN1 to IN7 = GND; VSENSE = 0V
0.35
3
mA
IGH2
VGH2 Supply current
IN8 and IN9 = GND; VSENSE =0V
0.012
1
mA
IGL
VGL Supply current
IN1 to IN9 = GND; VSENSE = 0V
0.144
4
mA
VUVLO
Undervoltage lockout threshold
VGH1 rising
10.5
13.5
V
VHYS
Undervoltage lockout hysteresis
VGH1 falling
450
mV
LEVEL SHIFTERS
Continuous; OUT1 to OUT7
±15
mA
Peak; OUT1 to OUT7
±300
±650
IOUTX
Output current
Continuous; OUT8 and OUT9, DISCHARGE
±15
mA
Peak; OUT8 an OUT9, DISCHARGE
±150
±250
IN1 to IN9 = GND
±1
IINX
Input current
µA
IN1 to IN9 = 3.3 V
±1
VIH
High level input voltage
IN1 to IN9
2.0
V
VIL
Low level input voltage
IN1 to IN9
0.5
V
OUT1 to OUT7; ILOAD = 10 mA
0.12
0.4
VDROPH
Output voltage drop high
V
OUT8 and OUT9, DISCHARGE; ILOAD = 10 mA
0.36
1.0
OUT1 to OUT7; ILOAD = –10 mA
0.07
0.3
VDROPL
Output voltage drop low
V
OUT8 and OUT9, DISCHARGE; ILOAD = –10 mA
0.17
1.0
OUT1 to OUT7; CLOAD = 4.7 nF
(1)
275
520
tR
Rise time
ns
OUT8 and OUT9; CLOAD = 4.7 nF
(1)
761
1000
OUT1 to OUT7; CLOAD = 4.7nF
(1)
220
370
tF
Fall time
ns
OUT8 and OUT9; CLOAD = 4.7 nF
(1)
526
850
tPH
Rising edge, CL = 150 pF
60
Propagation delay
ns
tPL
Falling edge, CL = 150 pF
60
GATE VOLTAGE SHAPING
Propagation delay – gate voltage
tPH
FLK falling
100
ns
shaping enabled
Time active IN signals must be stable before falling
tSU
Set-up time
70
ns
edge of FLK
Resistance between OUT and RE
rDS(on)
70
100
Ω
pins
ILEAK
Leakage current from RE pin
±10
µA
DISCHARGE
VSENSE
Discharge voltage sense threshold
VSENSE falling
1.275
1.5
1.725
V
Discharge voltage sense input
ISENSE
VSENSE = 2V
±1
µA
current
VHYS
Discharge voltage sense hysteresis
VSENSE rising
40
mV
(1)
Rise and fall times are measured between 10% and 90% of the waveform’s amplitude.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com