Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17HE-R13150-75-FA Datasheet(PDF) 2 Page - DDK Ltd.

Part # 17HE-R13150-75-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-75-FA Datasheet(HTML) 2 Page - DDK Ltd.

  17HE-R13150-75-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
●
  ●
17HE Series
Unit : mm
■Receptacle Connector [Without Jack Socket]
N : None
-
1 : M3×0.5 tapping-hole ground tab
-
2 : φ3.4 through-hole ground tab
-
3 : M3×0.5 tapping-hole ground tab
t=1.6
4 : M2.6×0.45 tapping-hole ground tab
t=1.6
5 : Through-hole lock pin ground tab
t=1.6
6 : ♯4-4OUNC tapping-hole ground tab
t=1.6
<Tail shape R>
Ground Tab Type P.C.B thickness
17HE-R13150-73-FA
NO.OF.CONTACTS
15
CONTACT PLATENG
7 : Mating area : 0.4μm Gold over Nickel plating
 
Tail area : Sn-Ag over Nickel plating
8 : Mating area : Gold flash over Nickel plating
 
Tail area : Sn-Ag over Nickel plating
CONNECTOR STYLE
R : Right angle DIP type
B : Space-Saving Right angle DIP type
C : Space-Saving Right angle SMT type
+ 0.25
- 0.15
+ 0.25
- 0.15
+ 0.25
- 0.15
+ 0.25
- 0.15
0 : φ2.4 through-hole ground tab
-
1 : Single Lock Pin Ground Tab
t=1.6
2 : Single Lock Pin Ground Tab
t=1.2
3 : Single Lock Pin Ground Tab
t=1.0
+ 0.25
- 0.15
±0.19
±0.18
<Tail shape C>
0 :φ2.4 through-hole ground tab
-
4 : Lock Pin Ground Tab
t=1.6
5 : Lock Pin Ground Tab
t=1.2
6 : Lock Pin Ground Tab
t=1.0
+0.25
-0.15
±0.19
±0.18
<Tail shape B>
2
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com