Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17HE-R13150-75-FA Datasheet(PDF) 6 Page - DDK Ltd.

Part # 17HE-R13150-75-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-75-FA Datasheet(HTML) 6 Page - DDK Ltd.

  17HE-R13150-75-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
●
  ●
17HE Series
Unit : mm
●Jack Socket (material/finish : brass/Ni-plating)
(Type fastened to panel from both sides)
□ : Thread size
  A : M2.6×0.45(Standard)
  B : M3×0.5
  C : #4-40UNC
●Stud (Material/Finish ・・・・ Zn die-cast/Ni plating
PCB Mounting Dimensions (mounted on the back)
Shape of Ground Tab
Engaging Block
P/N
G
H :Panel
thickness
17L-003□26-CF
4.8
0.9~1.3
17L-003□32-CF
5.3
0.5~0.8
P/N
G
H :Panel
Hole
17H-003A-CF
4.8
Panel thickness :
0.9~1.3
Type3
17H-003A-CF
5.3
Panel thickness :
0.8max.
Type3
17H-003A-CF
6.1
Not fastened to panel from both sides.
Type2
24.99
18.5 ± 0.3
R
31.0
+0.3
-0
Type1
Type2
Type3
Connector cannot be fixed on panel.
Connector cannot be fixed on panel.
Connector cannot be fixed on panel.
34.09
4-R1
24.99 ± 0.1
20.5 min.
4-R3.4
2-φ3.2 ± 0.1
10°
4-R2.5
M3 × 0.5
M3×0.5
φ3.4 Hole
M3 × 0.5
M3 × 0.5
φ3.2 Hole
♯ 4-40UNC
Type1
Type2
Type3
Type5
Type6
Tapping-hole ground tab (press-fit)
Designation : 17L-004K
Material/finish : Cu/Ni-plating
Note) Cannot be used in
combination with stud 17L-002□
Through-hole ground tab (press-fit)
Designation : 17L-004H
Material/finish : Cu/Ni-plating
Note) Cannot be used in
combination with stud 17L-002□
Lock pin ground tab with tapping hole
(press-fit)
Designation : 17L-004E-FA
Material/finish : Cu alloy/solder-plating
Note) Cannot be used in
combination with stud 17L-002□
Lock pin ground tab with through-hole
(press-fit)
Designation : 17L-004C-FA
Material/finish : Cu alloy/solder-plating
Note) Cannot be used in combination
with jack socket 17H-003A-□□.
#4-4OUNC thread
Designation : 17L-004V-FA
Material/finish : Cu alloy/Sn-Ag plating
Note) Cannot be used in combination
with stud 17L-002□.
5
thread
Panel
10.3
M3 × 0.5
thread
G
P/N : 17L-002□
Mounting hole : type 1
□ in the designation above stands for type of engaging screw.
thread
5
B
8
M3 × 0.5 thread
・ Jack Socket(Material/Finish ・ ・ Brass/Ni Plate)
6
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com