Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17HE-R13150-75-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17HE-R13150-75-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-75-FA Datasheet(HTML) 1 Page - DDK Ltd.

  17HE-R13150-75-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
●
  ●
17HE Series
●
High-density D-sub connector compatible to MIL-C-24308. It is called “high-density” because 9-con-
tacts shell contains 15 contacts.
●
Receptacles (socket contact) come in three types : conventional “L-shaped DIP type” , and space-sav-
ing “L-shaped DIP type” and “SMT type” .
●
The space-saving types are lower by 2mm in mounting height than the conventional type, and best suited
to high-density mounting because the area (front and back) they occupy on PCB is smaller by 50% or 70%
in the case of L-shaped DIP- or SMT-type, respectively, than conventional ones.
●
Plug (pin contact) consists of crimp-type press-contacts, and is compatible with three types of cables
(AWG 30, 28 and 26) and existing 17JE type hood.
Use connector on a panel fixed on PCB by fastening it on the panel with small screws or engaging block
MIL-C-24308-Compatible High-Density Crimp Type
FEATURE
SPECIFICATION
Voltage Rating
250V AC (r.m.s.)
Current Rating
1A/Contact
Dielectric Withstanding Voltage
1,000V AC (r.m.s.)/for 1 minute
Insulation Resistance
5,000MΩ min. at 500V DC
Contact Resistance
20mΩ max.
Wire Accommodation
AWG30, 28, 26, 24
InsulatorJacket Diam.φ0.8 to φ1.21
MATERIAL/FINISH
P/N
MATERIAL/FINISH
Block
PBT resin/(UL94V-0)/color black
PPS resin/(UL94V-0)/color black
Shell
Brass/Nickel Plating
Contact
Copper alloy/Mating area : Gold over Nickel Plating,
Tail area : Sn-Ag over Nickel Plating
Hood
ABS resin/Nickel Plating
Cautions about Use
1
RoHS Compliant
L
17HE


Similar Part No. - 17HE-R13150-75-FA

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
17H2A MOTIONKING-17H2A Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A2406 MOTIONKING-17H2A2406 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3404 MOTIONKING-17H2A3404 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3413 MOTIONKING-17H2A3413 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3417 MOTIONKING-17H2A3417 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
More results

Similar Description - 17HE-R13150-75-FA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
557S091B GLENAIR-557S091B Datasheet
111Kb / 2P
EMI/RFI Banding Backshell Assembly for MIL-C-24308 Connectors
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
MIL-C-5015 Compatible Environment Resistant Type
FRC5-A010-1T0 DDK-FRC5-A010-1T0 Datasheet
196Kb / 6P
MIL-DTL-83503 Compatible
logo
Dubilier
DBCHDFCD26 DUBILIER-DBCHDFCD26 Datasheet
138Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY CRIMP PIN
logo
ITT Industries
ZDDA78S-FO ITT-ZDDA78S-FO Datasheet
51Kb / 1P
High density, crimp cable
logo
Tyco Electronics
1757820-6 MACOM-1757820-6 Datasheet
82Kb / 1P
Subminiature D Pin/Socket Connectors for MIL -C- 24308 and MIL -C- 39029
5-208869-1 MACOM-5-208869-1 Datasheet
89Kb / 1P
Subminiature D Pin/Socket Connectors for MIL -C- 24308 and MIL -C- 39029
logo
Glenair, Inc.
687-169 GLENAIR-687-169 Datasheet
158Kb / 2P
EMI/RFI Banding Backshell Assembly for MIL-C-24308 Connectors
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
MIL-DTL-5015 Compatible Environment Resistant Type
logo
HARTING Technology Grou...
09-14-025-3001 HARTING-09-14-025-3001 Datasheet
450Kb / 2P
Han High Density module, crimp male
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com