Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA2003_09 Datasheet HTML 13Page - NXP Semiconductors PCA2003_09 Datasheet HTML 14Page - NXP Semiconductors PCA2003_09 Datasheet HTML 15Page - NXP Semiconductors PCA2003_09 Datasheet HTML 16Page - NXP Semiconductors PCA2003_09 Datasheet HTML 17Page - NXP Semiconductors PCA2003_09 Datasheet HTML 18Page - NXP Semiconductors PCA2003_09 Datasheet HTML 19Page - NXP Semiconductors PCA2003_09 Datasheet HTML 20Page - NXP Semiconductors PCA2003_09 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 21 July 2009
Document identifier: PCA2003_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
16. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 3
7.1
Motor pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7.2
Step detection. . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.3
Time calibration . . . . . . . . . . . . . . . . . . . . . . . . 7
7.4
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7.5
Programming possibilities. . . . . . . . . . . . . . . . . 7
7.6
Programming procedure . . . . . . . . . . . . . . . . . 10
7.7
Programming the memory cells . . . . . . . . . . . 11
7.8
Checking memory content . . . . . . . . . . . . . . . 12
7.9
Frequency tuning of assembled watch . . . . . . 13
7.10
Measurement of oscillator frequency and
inhibition time . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.11
Customer testing. . . . . . . . . . . . . . . . . . . . . . . 14
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 15
9
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 16
10
OTP programming characteristics . . . . . . . . . 17
11
Bare die outline . . . . . . . . . . . . . . . . . . . . . . . . 18
12
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 19
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 19
14
Legal information. . . . . . . . . . . . . . . . . . . . . . . 20
14.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 20
14.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
14.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
14.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
15
Contact information. . . . . . . . . . . . . . . . . . . . . 20
16
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com