Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA2003_09 Datasheet HTML 1Page - NXP Semiconductors PCA2003_09 Datasheet HTML 2Page - NXP Semiconductors PCA2003_09 Datasheet HTML 3Page - NXP Semiconductors PCA2003_09 Datasheet HTML 4Page - NXP Semiconductors PCA2003_09 Datasheet HTML 5Page - NXP Semiconductors PCA2003_09 Datasheet HTML 6Page - NXP Semiconductors PCA2003_09 Datasheet HTML 7Page - NXP Semiconductors PCA2003_09 Datasheet HTML 8Page - NXP Semiconductors PCA2003_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
3 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
7.1 Motor pulse
The motor output supplies pulses of different driving stages, depending on the torque
required to turn on the motor. The number of different stages can be selected between
three and six. With the exception of the highest driving stage, each motor pulse (tp in
Figure 3 and Figure 6) is followed by a detection phase during which the motor movement
is monitored, in order to check whether the motor has turned correctly or not.
Top view. For mechanical details, see Figure 13.
Fig 2.
Pad configuration of PCA2003
001aai177
PCA200xU
1
VSS
8
RESET
2
i.c.
7
MOT2
3
OSCIN
6
MOT1
4
OSCOUT
5
VDD
x
y
0
0
Table 2.
Pin description
Symbol
Pin
Description
VSS
1
ground
i.c.
2
internally connected
OSCIN
3
oscillator input
OSCOUT
4
oscillator output
VDD
5
supply voltage
MOT1
6
motor 1 output
MOT2
7
motor 2 output
RESET
8
reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com