Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA2003_09 Datasheet HTML 4Page - NXP Semiconductors PCA2003_09 Datasheet HTML 5Page - NXP Semiconductors PCA2003_09 Datasheet HTML 6Page - NXP Semiconductors PCA2003_09 Datasheet HTML 7Page - NXP Semiconductors PCA2003_09 Datasheet HTML 8Page - NXP Semiconductors PCA2003_09 Datasheet HTML 9Page - NXP Semiconductors PCA2003_09 Datasheet HTML 10Page - NXP Semiconductors PCA2003_09 Datasheet HTML 11Page - NXP Semiconductors PCA2003_09 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
8 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
Table 4.
Words and bits
Word
Bit
1
2
3
4
5
6
7
8
A
number of 8192 Hz pulses to be removed
calibration
period
B
lowest stage: duty cycle
number of driving stages
highest
stage: duty
cycle
pulse
stretching
output period
C
pulse width
maximum time delay between positive
and negative detection pulses
output
period
factory test
bit
D
type
factory test bits
Table 5.
Description of word A bits
Bit
Value
Description
Inhibition time
1 to 7
-
adjust the number of the 8192 Hz pulses to be removed;
bit 1 is the MSB and bit 7 is the LSB
Calibration period
8
0
1 minute
1
2 minutes
Table 6.
Description of word B bits
Bit
Value
Description
Duty cycle lowest driving stage
1 to 2
00
37.5 %
01
43.75 %
10
50 %
11
56.25 %
Number of driving stages
3 to 4
00
3
01
4
10
5
11
6[1]
Duty cycle highest driving stage
5
0
75 %[2]
1
100 %
Pulse stretching
6
0
no pulse stretching
1
pulse of 2
× tp and duty cycle of 25 % are added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com