Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA2003 Datasheet HTML 1Page - NXP Semiconductors PCA2003 Datasheet HTML 2Page - NXP Semiconductors PCA2003 Datasheet HTML 3Page - NXP Semiconductors PCA2003 Datasheet HTML 4Page - NXP Semiconductors PCA2003 Datasheet HTML 5Page - NXP Semiconductors PCA2003 Datasheet HTML 6Page - NXP Semiconductors PCA2003 Datasheet HTML 7Page - NXP Semiconductors PCA2003 Datasheet HTML 8Page - NXP Semiconductors PCA2003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
4 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
If a missing step is detected, a correction sequence is generated (see Figure 3) and the
driving stage is switched to the next level. The correction sequence consists of two pulses:
first a short pulse in the opposite direction (0.98 ms, modulated with the maximum duty
cycle) to give the motor a defined position, followed by a motor pulse of the strongest
driving level. Every 4 minutes, the driving level is lowered again by one stage.
The motor pulse has a constant pulse width. The driving level is regulated by chopping the
driving pulse with a variable duty cycle. The driving level starts from the programmed
minimum value and increases by 6.25 % after each failed motor step. The strongest
driving stage, which is not followed by a detection phase, is programmed separately.
Therefore, it is possible to program a larger energy gap between the pulses with step
detection and the strongest, not monitored, pulse. This might be necessary to ensure a
reliable and stable operation under adverse conditions (magnetic fields and vibrations). If
the watch works in the highest driving stage, the driving level jumps after the 4-minute
period directly to the lowest stage, and not just one stage lower.
To optimize the performance for different motors, the following parameters can be
programmed:
• Pulse width: 0.98 ms to 7.8 ms in steps of 0.98 ms
• Duty cycle of lowest driving level: 37.5 % to 56.25 % in steps of 6.25 %
• Number of driving levels (including the highest driving level): 3 to 6
• Duty cycle of the highest driving level: 75 % or 100 %
• Enlargement pulse for the highest driving level: on or off
The enlargement pulse has a duty cycle of 25 % and a pulse width which is twice the
programmed motor pulse width. The repetition period for the chopping pattern is 0.98 ms.
Figure 4 shows an example of a 3.9 ms pulse.
Fig 3.
Correction sequence after failed motor step
31.25 ms
1.96 ms
detection phase
tp
31.25 ms
0.98 ms
tp
2tp
mgw350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com