Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2003 Datasheet HTML 6Page - NXP Semiconductors PCA2003 Datasheet HTML 7Page - NXP Semiconductors PCA2003 Datasheet HTML 8Page - NXP Semiconductors PCA2003 Datasheet HTML 9Page - NXP Semiconductors PCA2003 Datasheet HTML 10Page - NXP Semiconductors PCA2003 Datasheet HTML 11Page - NXP Semiconductors PCA2003 Datasheet HTML 12Page - NXP Semiconductors PCA2003 Datasheet HTML 13Page - NXP Semiconductors PCA2003 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
10 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
7.6 Programming procedure
For a watch it is essential that the timing calibration can be made after the watch is fully
assembled. In this situation, the supply pads are often the only terminals which are still
accessible.
Writing to the OTP cells and performing the related functional checks is achieved in the
PCA2003 by modulating the supply voltage. The necessary control circuit consists
basically of a voltage level detector, an instruction counter which determines the function
to be performed, and an 8-bit shift register which allows writing to the OTP cells of an 8-bit
word in one step and acts as a data pointer for checking the OTP content.
There are six different instruction states (state 3 and state 5 are handled as state 4):
• State 1: measurement of the quartz crystal oscillator frequency (divided by 1024)
• State 2: measurement of the inhibition time
• State 3: write/check word A
• State 4: write/check word B
• State 5: write/check word C
• State 6: check word D (type recognition)
Each instruction state is switched on with a pulse to VP(prog)(start). After this large pulse, an
initial waiting time of t0 is required. The programming instructions are then entered by
modulating the supply voltage with small pulses (amplitude VP(mod) and pulse width tmod).
The first small pulse defines the start time, the following pulses perform three different
functions, depending on the time delay (td) from the preceding pulse
(see Figure 7, Figure 8, Figure 11 and Figure 12):
• td =t1 (0.7 ms); increments the instruction counter
• td =t2 (1.7 ms); clocks the shift register with data = logic 0
• td =t3 (2.7 ms); clocks the shift register with data = logic 1
The programming procedure requires a stable oscillator. This means that a waiting time,
determined by the start-up time of the oscillator is necessary after power-on of the circuit.
After the VP(prog)(start) pulse, the instruction counter is in state 1 and the data shift register
is cleared.
The instruction state ends with a second pulse to VP(prog)(stop) or with a pulse to Vstore.
Table 8.
Description of word D bits
Bit
Value
Description
Type recognition
1 to 4
0000
PCA2002
1000
PCA2000
0100
PCA2001
1100
PCA2003
Factory test bits
5 to 8
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com