Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2003 Datasheet HTML 10Page - NXP Semiconductors PCA2003 Datasheet HTML 11Page - NXP Semiconductors PCA2003 Datasheet HTML 12Page - NXP Semiconductors PCA2003 Datasheet HTML 13Page - NXP Semiconductors PCA2003 Datasheet HTML 14Page - NXP Semiconductors PCA2003 Datasheet HTML 15Page - NXP Semiconductors PCA2003 Datasheet HTML 16Page - NXP Semiconductors PCA2003 Datasheet HTML 17Page - NXP Semiconductors PCA2003 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
14 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
• State 1: quartz crystal oscillator frequency divided by 1024; state 1 starts with a pulse
to VP and ends with a second pulse to VP
• State 2: inhibition time has a value of n
× 0.122 ms. A signal with periodicity of
31.25 ms + n
× 0.122 ms appears at pad RESET and as current modulation at
pad VDD (see Figure 11 and Figure 12)
7.11 Customer testing
Connecting pad RESET to VSS activates the test mode. In this test mode, the motor
output frequency is 8 Hz; the duty cycle reduction and battery check occurs every second,
instead of every 4 minutes.
Fig 11. Output waveform at pad RESET for instruction state 2
VDD(nom): nominal supply voltage.
Fig 12. Supply voltage modulation for starting and stopping of instruction state 2
mgw355
VDD
VSS
31.25 ms
+ inhibition time
VO(dif)
VDD
VP(prog)(start)
VP(mod)
VP(prog)(stop)
t1
tp(start)
t0
VSS
VDD(nom)
mgu719
tp(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com