Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8599A Datasheet HTML 1Page - NXP Semiconductors TDF8599A Datasheet HTML 2Page - NXP Semiconductors TDF8599A Datasheet HTML 3Page - NXP Semiconductors TDF8599A Datasheet HTML 4Page - NXP Semiconductors TDF8599A Datasheet HTML 5Page - NXP Semiconductors TDF8599A Datasheet HTML 6Page - NXP Semiconductors TDF8599A Datasheet HTML 7Page - NXP Semiconductors TDF8599A Datasheet HTML 8Page - NXP Semiconductors TDF8599A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
2 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
I I2C-bus mode:
N DC load detection
N AC load detection
N Thermal pre-warning diagnostic level setting
N Identification of activated protections or warnings
N Selectable diagnostic information available using pins DIAG and CLIP
I Qualified in accordance with AEC-Q100
3.
Applications
I Car audio
4.
Quick reference data
[1]
In this data sheet supply voltage VP describes VP1, VP2 and VPA.
[2]
Output power is measured indirectly based on RDSon measurement.
5.
Ordering information
Table 1.
Quick reference data
VP = 14.4 V unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] 8
14.4
35
V
IP
supply current
off state; Tj ≤ 85 °C; VP = 14.4 V
-
2
10
µA
Iq(tot)
total quiescent current
Operating mode; no load, snubbers and
filter connected
-
90
120
mA
Po
output power
Stereo mode:
[2]
VP = 14.4 V; THD = 1 %; RL =4 Ω
18
20
-
W
VP = 14.4 V; THD = 10 %; RL =4 Ω
23
25
-
W
square wave (EIAJ); RL =4 Ω
-40
-
W
VP = 35 V; THD = 10 %; RL =4 Ω
-
135
-
W
VP = 14.4 V; THD = 1 %; RL =2 Ω
26
29
-
W
VP = 14.4 V; THD = 10 %; RL =2 Ω
34
38
-
W
square wave (EIAJ); RL =2 Ω
-60
-
W
Parallel mode:
[2]
VP = 14.4 V; THD = 10 %; RL =2 Ω
-50
-
W
VP = 35 V; THD = 10 %; RL =2 Ω
-
250
-
W
VP = 25 V; THD = 1 %; RL =1 Ω
135
150
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDF8599ATH
HSOP36
plastic, heatsink small outline package; 36 leads; low stand-off height
SOT851-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com