Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 9Page - NXP Semiconductors TDF8599A Datasheet HTML 10Page - NXP Semiconductors TDF8599A Datasheet HTML 11Page - NXP Semiconductors TDF8599A Datasheet HTML 12Page - NXP Semiconductors TDF8599A Datasheet HTML 13Page - NXP Semiconductors TDF8599A Datasheet HTML 14Page - NXP Semiconductors TDF8599A Datasheet HTML 15Page - NXP Semiconductors TDF8599A Datasheet HTML 16Page - NXP Semiconductors TDF8599A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
13 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
8.4.2 Phase staggering (Slave mode)
In Slave mode with phase lock operation enabled, a phase shift with respect to the
incoming clock signal can be selected to distribute the switching moments over time. In
non-I2C-bus mode, 1
⁄
2 π phase shift can be programmed using pin MOD. In I
2C-bus mode,
five different phase shifts (1
⁄
4 π,
1
⁄
3 π,
1
⁄
2 π,
2
⁄
3 π,
3
⁄
4 π) can be selected using the I
2C-bus
bits (IB3[D1:D3]). See Table 8 for selection of the phase shift in non-I2C-bus mode with pin
MOD. An additional capacitor must be connected to pin SSM when 1
⁄
4 π phase shift is
used (see Figure 8). An example of using 1
⁄
2 π phase shift for BD modulation is shown in
Figure 12.
a. Phase switching cycle.
b. Inverted signal to the modulator.
Fig 11. BD modulation
001aai781
INxP
OUTxP
OUTxP, OUTxN
001aai782
INxN
OUTxN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com