Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 17Page - NXP Semiconductors TDF8599A Datasheet HTML 18Page - NXP Semiconductors TDF8599A Datasheet HTML 19Page - NXP Semiconductors TDF8599A Datasheet HTML 20Page - NXP Semiconductors TDF8599A Datasheet HTML 21Page - NXP Semiconductors TDF8599A Datasheet HTML 22Page - NXP Semiconductors TDF8599A Datasheet HTML 23Page - NXP Semiconductors TDF8599A Datasheet HTML 24Page - NXP Semiconductors TDF8599A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
21 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
8.6.2.3
AC load detection
AC load detection is only available in I2C-bus mode and is controlled using bit IB3[D4].
The default setting for bit IB3[D4] = 0 disables AC load detection. When AC load detection
is enabled (bit IB3[D4] = 1), the amplifier load current is measured and compared with a
reference level. Pin CLIP is activated when this threshold is reached. Using this
information, AC load detection can be performed using a predetermined input signal
frequency and level. The frequency and signal level should be chosen so that the load
current exceeds the programmed current threshold when the AC coupled load (tweeter) is
present.
8.6.2.4
CLIP detection
CLIP detection gives information for clip levels
≥ 0.2 %. Pin CLIP is used as the output for
the clip detection circuitry on both channel 1 and channel 2. Setting either bit IB1[D5] or bit
IB2[D5] to logic 0 defines which channel reports clip information on the CLIP pin.
Fig 19. Recommended start-up sequence with DC load detection enabled
001aaj061
NO
NO
YES
YES
restart
DC load
start amplifier
anyway
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 1
enable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
I2C-bus RX
DB1[D4] = 1
channel 1 open load
DB2[D4] = 1
channel 2 open load
DB1[D6] = 1
DC load valid
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 0
disable DC load
IB1[D1] = 0
enable channel 1
IB2[D1] = 0
enable channel 2
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 0
disable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 1
enable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
ERROR HANDLING
COUNT = 0
WAIT DC load
COUNT = COUNT + 1
DB1[D6] = 1
DC load valid
COUNT
≤ COUNTMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com