Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OARS1R005GLF Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # OARS1R005GLF
Description  Open Air Sense Resistors Metal Alloy Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OARS1R005GLF Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  OARS1R005GLF Datasheet HTML 1Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 2Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 3Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
June 2009 Issue Page 1 of 4
OARS
Open Air Sense Resistors
Metal Alloy Strip
A Subsidiary of
TT electronics plc
• Greater than 1 Watt rating for 2512 pad design
• Zero ohm jumper available
• Economical low value SMT
• Resistance values 2m
Ω to 50mΩ
• ±1% or ±5% tolerance (0.002
Ω 5% only)
• Open air design provides cooler operation
Electrical Data
IRC Type
Power Rating
(watts)
Available Resistance
(ohms)
OARS-1
3W @ 70°C
.002, .003, .004, .005, .010, .015
.020, .022, .025, .030, .040, .050
*Contact factory for unlisted resistance values between 0.002 & 0.050 ohms.
Physical Data
Dimensions (Inches and (mm))
IRC
Type
LH
T
D
W
OARS-1
0.440 ±0.015
(11.18 ±0.381)
0.120 ±0.030
(3.05 ±0.762)
0.093 ±0.010
(2.36 ±0.254)
0.190 ±0.030
(4.83 ±0.762)
0.125 ±0.015
(3.175 ±0.381)
OARS-1
0.002
Ω
0.455 ±.015
(11.56 ±.381 )
0.150 ±0.030
(3.51 ±0.762)
0.093 ±0.010
(2.36 ±0.254)
0.185 ±0.030
(4.70 ±0.762)
0.140 ±0.015
(3.56 ±0.381)
OARS-1
0.003
Ω
0.440 ±.015
(11.18 ±.381 )
0.138 ±0.030
(3.51 ±0.762)
0.093 ±0.010
(2.36 ±0.254)
0.190 ±0.030
(4.83 ±0.762)
0.125 ±0.015
(3.175 ±0.381)
Features:
• Superior thermal expansion cycling
• Flameproof
• Inductance less than 10 nanohenries
• Lead flexible for thermal expansion
Applications:
• Current sensing
• Feedback
• Low inductance
• Surge and pulse
• AC applications (please contact the factory)
L
H
W
0.126
0.369
0.121
0.121
0.127
D
T
Recommended Landing Pad Size


Similar Part No. - OARS1R005GLF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS1R01FI WELWYN-OARS1R01FI Datasheet
2Mb / 3P
Surface Mount Sense Resistors
OARS1R01JI WELWYN-OARS1R01JI Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
TT Electronics.
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
OARS1R050FLF TTELEC-OARS1R050FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
More results

Similar Description - OARS1R005GLF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
Open Air Current Sense Resistors
OARS3R005FLF IRCTT-OARS3R005FLF Datasheet
150Kb / 4P
Open Air Sense Resistors Metal Alloy Strip
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
Open Air Sense Resistors Metal Alloy Strip
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
Open Air Sense Resistors
logo
Welwyn Components Limit...
ULR1 WELWYN-ULR1 Datasheet
430Kb / 3P
Metal Strip Current Sense Resistors Surface Mount
logo
Token Electronics Indus...
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
LSQ Open Air Current Sense Resistors
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
OAR Open Air Current Sense Resistors
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
Metal Strip Current Sense Resistors Surface Mount
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
Metal Strip Current Sense Chip Resistors
08/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com