Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OARS1R005GLF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # OARS1R005GLF
Description  Open Air Sense Resistors Metal Alloy Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OARS1R005GLF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  OARS1R005GLF Datasheet HTML 1Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 2Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 3Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
June 2009 Issue Page 2 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
OARS
Open Air Sense Resistors
Metal Alloy Strip
25
60
95
130
165
195
225
3.5
3.0
2.5
2.0
1.0
0.0
Ambient Temperature (°C)
Power Derating Curve
Environmental Data
Test Spec: AEC Q200
2m - 3m
4m - 15m
>15m
TCR +125 to -55°C
240ppm
40ppm
40ppm
Thermal Shock
<0.75%
<0.75%
<0.75%
High Temperature Exposure 125°C
<1.75%
<0.5%
<1.0%
Temperature Cycling: -40 to +125°C
<1.0%
<1.0%
<0.75%
Operational Life
<2.0%
<1.0%
<1.0%
Baised Humidity
<0.75%
<0.5%
<0.5%
Mechanical Shock
<1.5%
<1.0%
<1.0%
Vibration
<1.0%
<1.0%
<1.0%
Moisture Resistance
<1.0
<2.5%
<2.0
Terminal Strength
Meets JIS-C-6429
Solvent Resistance
Meets MIL-STD-202 Method 215
Solderability
Meets J-STD-002 Method B
Note:
The power derating curve is a guidance based on a con-
servative design model. The OARS is a solid metal alloy
construction that can withstand significantly greater operating
temperatures than conservative design models permit. The
resistive alloys can withstand temperatures in exess of 350°C.
Therefore, the system thermal design is a more significant
design parameter due to the heat limitations of solder joints
and/or circuit board substrate materials. Refer to additional
information below.
The thermal image (not a simulation) to the left is of an OARS
10 m
Ω running at 2 Watts, which exceeds the 1 Watt conser-
vative model. Notice the hotpsot is nearly 200°C, but the sol-
der joint is approximately 65°C (FR4 is rated for 130°C). The
unique construction of the OARS isolates the hotspot from
the circuit board material preventing damage. Additionally,
the thermal energy is dissipated to the air instead of being
conducted into the circuit board potentially causing a nearby
power component to exceed its rating.
The standard test circuit board consists of a four layer FR4
material with 2 ounce outer layers and 1 ounce inner layers,
which is typical of many industry designs. Contact IRC for
more details or for other thermal image test data for specific
resistance values and power levels.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com