Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OARS1R005GLF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # OARS1R005GLF
Description  Open Air Sense Resistors Metal Alloy Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OARS1R005GLF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  OARS1R005GLF Datasheet HTML 1Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 2Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 3Page - IRC - a TT electronics Company. OARS1R005GLF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
June 2009 Issue Page 3 of 4
Note:
The high pulse surge capability of the OARS parts is
attributed to the solid metal alloy construction. In many
applications the cross-section of the OARS is greater
than the cross-section of the board traces connecting
the parts to the circuit board.
Cross-Sectional area ranges from approximately 650
mils to 3600 mils.
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
OARS
Open Air Sense Resistors
Metal Alloy Strip
0
10
20
30
40
50
60
70
60
50
40
30
20
Resistance (milli ohms)
Pulse/Surge Chart
0
10
G
B
C
A
F
E
D
Sample Part No.
IRC Type
OARS1
Power Rating in Watts
Resistance Range (ohms)
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Ordering Data
OARS1
R005
J
LF
Tape Specifications
Dimensions (Inches and (mm))
IRC
Type
ABCD
E
F
G
OARS
0.17 ±0.003
(4.32 ±0.08)
0.461 ±0.003
(11.7 ±0.08)
0.945 ±0.010
(24.0 ±0.30)
0.453 ±0.004
(11.5 ±0.10)
0.069 ±0.004
(1.75 ±0.10)
0.315 ±0.004
(8.0 ±0.10)
0.157 ±0.004
(4.0 ±0.1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com