Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST12-7CT-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST12-7CT-TR
Description  Transient protected AC power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST12-7CT-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST12-7CT-TR Datasheet HTML 3Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 4Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 5Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 6Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 7Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 8Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 9Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 10Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACST12
Application information
7/12
Figure 17.
Universal drum motor control – typical diagram
2.2
AC line transient voltage ruggedness
In comparison with standard TRIACs, which are not robust against surge voltage, the
ACST12 is self-protected against over-voltage, specified by the new parameter VCL. The
ACST12 switch can safely withstand AC line transient voltages either by clamping the low
energy spikes or by switching to the on state (for less than 10 ms) to dissipate higher energy
shocks through the load. This safety feature works even with high turn-on current rises.
The test circuit of Figure 18 represents the ACST12 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. Thanks to the load which
is limiting the current, the ACST switch withstands the voltage spikes up to 2 kV above the
peak line voltage. The protection is based on an overvoltage crowbar technology. The
ACST12 switches safely to the on state as shown in Figure 19. The ACST12 recovers its
blocking voltage capability after the surge. Such a non repetitive test can be done at least 10
times on each AC line voltage polarity.
Universal motor
Motor direction
setting
Speed motor
regulation
Rg
AC Mains
Stator
MCU
Vcc
12V
ACST
Rotor
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com