Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST12-7CT-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST12-7CT-TR
Description  Transient protected AC power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST12-7CT-TR Datasheet(HTML) 1 Page - STMicroelectronics

  ACST12-7CT-TR Datasheet HTML 1Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 2Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 3Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 4Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 5Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 6Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 7Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 8Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2008
Rev 1
1/12
ACST12
Transient protected AC power switch
Features
■ Triac with overvoltage crowbar technology
■ Low IGT (<10 mA) or high immunity
(IGT<35 mA) version
■ High noise immunity: static dV/dt > 2000 V/µs
Benefits
■ Enables equipment to meet IEC 61000-4-5
■ High off-state reliability with planar technology
■ Need no external over voltage protection
■ Reduces the power passive component count
■ High immunity against fast transients
described in IEC 61000-4-4 standards
Applications
■ AC mains static switching in appliance and
industrial control systems
■ Drive of medium power AC loads like:
– Universal drum motor of washing machine
– Compressor for fridge or air conditioner
Description
The ACST12 series belongs to the ACS/ACST
family built with the ASD (application specific
discrete) technology. This high performance
device is adapted to home appliances or industrial
systems and drives loads up to 12 A.
This ACST12 switch embeds a TRIAC structure
and a high voltage clamping device able to absorb
the inductive turn-off energy and withstand line
transients such as those described in the IEC
61000-4-5 standards. The ACST12-7S needs a
low gate current to be activated (IGT < 10 mA) and
in the mean time provides a high electrical noise
immunity such as those described in the IEC
61000-4-4 standards. The ACST12-7C offers an
extremely high static dV/dt immunity of 2 kV/µs
minimum.
Figure 1.
Functional diagram
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
700
V
IGT
10 or 35
mA
TO-220AB
ACST12-7xT
COM
OUT
OUT
G
D²PAK
ACST12-7xG
G
OUT
COM
G
COM
OUT
www.st.com


Similar Part No. - ACST12-7CT-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1210-7GTR STMICROELECTRONICS-ACST1210-7GTR Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1210-7GTR STMICROELECTRONICS-ACST1210-7GTR Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1210-7T STMICROELECTRONICS-ACST1210-7T Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
More results

Similar Description - ACST12-7CT-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
A logic-level transient-voltage protected AC switch
11-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com