Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST12-7CT-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST12-7CT-TR
Description  Transient protected AC power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST12-7CT-TR Datasheet(HTML) 5 Page - STMicroelectronics

  ACST12-7CT-TR Datasheet HTML 1Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 2Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 3Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 4Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 5Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 6Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 7Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 8Page - STMicroelectronics ACST12-7CT-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ACST12
Characteristics
5/12
Figure 12.
Relative variation of critical rate of
decrease of main current vs.
junction temperature
Figure 13.
Relative variation of static dV/dt
immunity vs. junction temperature
(dI/dt)c[Tj] / (dI/dt)c[Tj=125°C]
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
dV/dt[Tj] / dV/dt[Tj=125°C]
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
25
50
75
100
125
VD=VR=400 V
Figure 14.
Relative variation of maximum
clamping voltage, VCL vs. junction
temperature
Figure 15.
Variation of thermal resistance
junction to ambient vs. copper
surface under tab
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50
-25
0
25
50
75
100
125
V [T /V [T = 25 °C]
CL
J
CL
J
T (°C)
J
Minimum values
0
10
20
30
40
50
60
70
80
0
5
10
15
20
R
(°C/W)
th(j-a)
S (cm²)
CU
D²PAK
Epoxy printed circuit board
FR4, copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com