Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV621 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV621
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV621 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV621 Datasheet HTML 6Page - STMicroelectronics TSV621 Datasheet HTML 7Page - STMicroelectronics TSV621 Datasheet HTML 8Page - STMicroelectronics TSV621 Datasheet HTML 9Page - STMicroelectronics TSV621 Datasheet HTML 10Page - STMicroelectronics TSV621 Datasheet HTML 11Page - STMicroelectronics TSV621 Datasheet HTML 12Page - STMicroelectronics TSV621 Datasheet HTML 13Page - STMicroelectronics TSV621 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application information
TSV621
10/18
3
Application information
3.1
Operating voltages
The TSV621 can operate from 1.5 to 5.5 V. Its parameters are fully specified for 1.8-, 3.3-
and 5-V power supplies. However, the parameters are very stable in the full VCC range and
several characterization curves show the TSV621 characteristics at 1.5 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40° C to +125° C.
3.2
Rail-to-rail input
The TSV621 is built with two complementary PMOS and NMOS input differential pairs. The
device has a rail-to-rail input, and the input common mode range is extended from
VDD -0.1 V to VCC +0.1 V. The transition between the two pairs appear at VCC -0.7 V. In the
transition region, the performance of CMRR, PSRR, Vio and THD is slightly degraded (as
shown in Figure 14 and Figure 15 for Vio vs. Vicm).
The device is guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifier’s output level can go close to the rails: 35 mV maximum above and
below the rail when connected to a 10 k
Ω resistive load to VCC/2.
Figure 14.
Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 15.
Input offset voltage vs input
common mode at VCC = 5 V
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0.0
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com