Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV621 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV621
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV621 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV621 Datasheet HTML 10Page - STMicroelectronics TSV621 Datasheet HTML 11Page - STMicroelectronics TSV621 Datasheet HTML 12Page - STMicroelectronics TSV621 Datasheet HTML 13Page - STMicroelectronics TSV621 Datasheet HTML 14Page - STMicroelectronics TSV621 Datasheet HTML 15Page - STMicroelectronics TSV621 Datasheet HTML 16Page - STMicroelectronics TSV621 Datasheet HTML 17Page - STMicroelectronics TSV621 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TSV621
Package information
15/18
4.2
SC70-5 (or SOT323-5) package mechanical data
Figure 18.
SC70-5 (or SOT323-5) package mechanical drawing
Table 7.
SC70-5 (or SOT323-5) package mechanical data
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.80
1.10
0.315
0.043
A1
0.10
0.004
A2
0.80
0.90
1.00
0.315
0.035
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.22
0.004
0.009
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65
0.025
e1
1.30
0.051
L
0.26
0.36
0.46
0.010
0.014
0.018
<0
°
8
°
SEATING PLANE
GAUGE PLANE
DIMENSIONS IN MM
SIDE VIEW
TOP VIEW
COPLANAR LEADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com