Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV621 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV621
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV621 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV621 Datasheet HTML 1Page - STMicroelectronics TSV621 Datasheet HTML 2Page - STMicroelectronics TSV621 Datasheet HTML 3Page - STMicroelectronics TSV621 Datasheet HTML 4Page - STMicroelectronics TSV621 Datasheet HTML 5Page - STMicroelectronics TSV621 Datasheet HTML 6Page - STMicroelectronics TSV621 Datasheet HTML 7Page - STMicroelectronics TSV621 Datasheet HTML 8Page - STMicroelectronics TSV621 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TSV621
Electrical characteristics
5/18
Table 5.
VCC = +5 V, VDD = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV621
TSV621A
4
0.8
mV
Tmin < Top < Tmax
TSV621
TSV621A
6
2.8
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
110(1)
pA
Tmin < Top < Tmax
1
100
pA
Iib
Input bias current
110(1)
pA
Tmin < Top < Tmax
1
100
pA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0V to 5V, Vout = 2.5 V
60
80
dB
Tmin < Top < Tmax
55
SVR
Supply voltage rejection ratio 20
log (
ΔVCC/ΔVio)
VCC = 1.8 to 5 V
75
102
dB
Tmin < Top < Tmax
73
Avd
Large signal voltage gain
RL=10 kΩ, Vout = 0.5 V to 4.5 V
85
98
dB
Tmin < Top < Tmax
80
VOH
High level output voltage
RL =10kΩ
35
7
mV
Tmin < Top < Tmax
50
VOL
Low level output voltage
RL =10kΩ
635
mV
Tmin < Top < Tmax
50
Iout
Isink
Vo =5V
40
69
mA
Tmin < Top < Tmax
35
65
Isource
Vo = 0 V
40
74
mA
Tmin < Top < Tmax
35
68
ICC
Supply current (per operator)
No load, Vout =2.5 V
29
36
µA
Tmin < Top < Tmax
38
µA
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF,
f = 100 kHz
350
420
kHz
Fu
Unity gain frequency
RL = 10 kΩ, CL = 100 pF
360
kHz
φm
Phase margin
RL = 10 kΩ, CL = 100 pF
45
Degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
9
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF, AV = 1
0.108
0.14
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com