Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology LT3758 Datasheet HTML 14Page - Linear Technology LT3758 Datasheet HTML 15Page - Linear Technology LT3758 Datasheet HTML 16Page - Linear Technology LT3758 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT3758
13
3758f
APPLICATIONS INFORMATION
As illustrated in Figure 2, a trade-off between the operating
frequency and the size of the power MOSFET may be needed
in order to maintain a reliable IC junction temperature.
Prior to lowering the operating frequency, however, be
sure to check with power MOSFET manufacturers for their
most recent low QG, low RDS(ON) devices. Power MOSFET
manufacturing technologies are continually improving, with
newer and better performance devices being introduced
almost yearly.
An effective approach to reduce the power consumption
of the internal LDO for gate drive is to tie the INTVCC pin
to an external voltage source high enough to turn off the
internal LDO regulator.
If the input voltage VIN does not exceed the absolute
maximum rating of both the power MOSFET gate-source
voltage (VGS)andtheINTVCCovervoltagelockoutthreshold
voltage (17.5V), the INTVCC pin can be shorted directly
to the VIN pin. In this condition, the internal LDO will be
turned off and the gate driver will be powered directly
from the input voltage VIN. With the INTVCC pin shorted to
VIN, however, a small current (around 16μA) will load the
INTVCC in shutdown mode. For applications that require
the lowest shutdown mode input supply current, do not
connect the INTVCC pin to VIN.
In SEPIC or flyback applications, the INTVCC pin can be
connected to the output voltage VOUT through a blocking
diode, as shown in Figure 3, if VOUT meets the following
conditions:
1. VOUT < VIN (pin voltage)
2. VOUT < 17.5V
3. VOUT < maximum VGS rating of power MOSFET
A resistor RVCC can be connected, as shown in Figure 3, to
limit the inrush current from VOUT. Regardless of whether
or not the INTVCC pin is connected to an external voltage
source, it is always necessary to have the driver circuitry
bypassed with a 4.7μF low ESR ceramic capacitor to ground
immediately adjacent to the INTVCC and GND pins.
Operating Frequency and Synchronization
The choice of operating frequency may be determined
by on-chip power dissipation, otherwise it is a trade-off
between efficiency and component size. Low frequency
operation improves efficiency by reducing gate drive cur-
rent and MOSFET and diode switching losses. However,
lower frequency operation requires a physically larger
inductor. Switching frequency also has implications for
loop compensation. The LT3758 uses a constant-frequency
architecture that can be programmed over a 100kHz to
1000kHz range with a single external resistor from the
RT pin to ground, as shown in Figure 1. The RT pin must
have an external resistor to GND for proper operation of
the LT3758. A table for selecting the value of RT for a given
operating frequency is shown in Table 1.
Table 1. Timing Resistor (RT) Value
SWITCHING FREQUENCY (kHz)
RT (kΩ)
100
140
200
63.4
300
41.2
400
30.9
500
24.3
600
19.6
700
16.5
800
14
900
12.1
1000
10.5
Figure 3. Connecting INTVCC to VOUT
CVCC
4.7μF
VOUT
3758 F03
INTVCC
GND
LT3758
RVCC
DVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com