Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3758 Datasheet HTML 24Page - Linear Technology LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology LT3758 Datasheet HTML 27Page - Linear Technology LT3758 Datasheet HTML 28Page - Linear Technology LT3758 Datasheet HTML 29Page - Linear Technology LT3758 Datasheet HTML 30Page - Linear Technology LT3758 Datasheet HTML 31Page - Linear Technology LT3758 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LT3758
28
3758f
TYPICAL APPLICATIONS
10V to 40V Input, 48V Output Boost Converter
Efficiency vs Output Current
SENSE
LT3758
VIN
VIN
10V TO 40V
CIN
4.7μF
50V
X7R
x2
VOUT
48V
1A
RS
0.012Ω
RT
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
R3
200k
R4
32.4k
CSS
0.68μF
CC2
100pF
RC
10k
CC1
10nF
L1
18.7μH
3758 TA02a
R2
464k
D1
M1
R1
15.8k
CVCC
4.7μF
10V
X5R
COUT2
4.7μF
50V
X7R
x4
COUT1
100μF
63V
+
CIN, COUT2: MURATA GRM32ER71H475KA88L
COUT1: PANASONIC ECG EEV-TG1J101UP
D1: VISHAY SILICONIX 30BQ060
L1: PULSE PB2020.223
M1: VISHAY SILICONIX SI7460DP
OUTPUT CURRENT (A)
0.001
10
50
40
30
20
60
70
80
90
100
0.01
0.1
3758 TA02b
1
VIN = 40V
VIN = 24V
VIN = 10V
Start-Up Waveforms
5ms/DIV
VOUT
20V/DIV
IL1
2A/DIV
3758 TA02c
VIN = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com