Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology LT3758 Datasheet HTML 27Page - Linear Technology LT3758 Datasheet HTML 28Page - Linear Technology LT3758 Datasheet HTML 29Page - Linear Technology LT3758 Datasheet HTML 30Page - Linear Technology LT3758 Datasheet HTML 31Page - Linear Technology LT3758 Datasheet HTML 32Page - Linear Technology LT3758 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LT3758
29
3758f
TYPICAL APPLICATIONS
12V Output Nonisolated Flyback Power Supply
Efficiency vs Output Current
Start-Up Waveform
SENSE
LT3758
VIN
DSN
VIN
36V TO 72V
CIN
2.2μF
100V
X7R
63.4k
200kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
0.022μF
100V
T1
1,2,3
(SERIES)
4,5,6
(PARALLEL)
1M
44.2k
0.47μF
100pF
10k
10nF
0.030Ω
5.1Ω
1N4148
15.8k
1%
105k
1%
CVCC
4.7μF
10V
X5R
VOUT
12V
1.2A
3758 TA03a
COUT
47μF
X5R
6.2k
D1
SW
M1
CIN: MURATA GRM32ER72A225KA35L
T1: COILTRONICS VP2-0066
M1: VISHAY SILICONIX SI4848DY
D1: ON SEMICONDUCTOR MBRS360T3G
DSN: VISHAY SILICONIX ES1D
COUT: MURATA GRM32ER61C476ME15L
OUTPUT CURRENT (A)
0.01
20
50
40
30
60
70
80
90
100
0.1
1
3758 TA03b
10
VIN = 48V
5ms/DIV
VOUT
5V/DIV
3758 TA03c
VIN = 48V
Frequency Foldback Waveforms
When Output Short-Circuit
20μs/DIV
VOUT
5V/DIV
VSW
50V/DIV
3758 TA03d
VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com