Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 6 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
UCC1913
UCC2913
UCC3913
1
µAR
V
PL
FET
•
Therefore, the maximum average power dissipation in
the MOSFET can be approximated by:
P
VIMAX
AR
V
IMAX
A R
FET avg
FET
PL
FET
PL
() =
••
•
=•
•
1
1
µ
µ
Notice that in the approximation, VFET cancels. therefore,
average power dissipation is limited in the NMOS pass
element.
Overload Comparator
The linear amplifier in the UCC1913 ensures that the
output NMOS does not pass more than IMAX (which is
VIMAX/RS). In the event the output current exceeds the
programmed IMAX by 0.2V/RS, which can only occur if
the output FET is not responding to a command from the
IC, the CT pin will begin charging with I3, 1mA, and con-
tinue to charge to approximately 8V. This allows a con-
stant fault to show up on the SD/FLT pin, and also since
the voltage on CT will only charge past 2.5V in an over-
load fault mode, it can be used for detection of output
FET failure or to build in redundancy in the system.
Determining External Component Values
Referring now to Figure 3. To set RVDD the following
must be achieved:
()
()
V
R
V
RR
mA
IN
VDD
min
>
+
+
10
12
2
In order to estimate the minimum timing capacitor, CT,
several things must be taken into account. For example,
given the schematic below as a possible (and at this
point, a standard) application, certain external compo-
nent values must be known in order to estimate CT(min).
Now, given the values of COUT, Load, RSENSE, VSS, and
the resistors determining the voltage on the IMAX pin,
the user can calculate the approximate startup time of
the node VOUT. This startup time must be faster than the
time it takes for CT to charge to 2.5V (relative to VSS),
and is the basis for estimating the minimum value of CT.
In order to determine the value of the sense resistor,
RSENSE, assuming the user has determined the fault cur-
rent, RSENSE can be calculated by:
R
mV
I
SENSE
FAULT
=
50
APPLICATION INFORMATION (cont.)
Figure 3.
∞
Figure 4. Plot average power vs. FET voltage for
increasing values of RPL.
SHUTDOWN
SD/FLT
7
R4
R3
VSS
LEVEL SHIFT
LOCAL VDD
LOCAL GND
FAULT OUT
Figure 5. Possible level shift circuitry to interface to
the UCC1913.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com