Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UCC1913
UCC2913
UCC3913
ABSOLUTE MAXIMUM RATINGS
IVCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
SHUTDOWN Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
PL Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
IMAX Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
All voltages are with respect to VSS (The most negative volt-
age). All currents are positive into, negative out of the specified
terminal. Consult Packaging Section of Databook for thermal
limitations and considerations of packages.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UCC1913; –40°C to +85°C for UCC2913; 0°C to +70°C for UCC3913; IVDD = 2mA, CT = 4.7pF, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD Section
IDD
1.0
2.0
mA
Regulator Voltage
ISOURCE = 2mA to 10mA
8.5
9.5
10.5
V
UVLO Off Voltage
678
V
Fault Timing Section
Overcurrent Threshold
TJ = 25°C
47.5
50
53
mV
Over Operating Temperature
46
50
53.5
mV
Overcurrent Input Bias
50
500
nA
CT Charge Current
VCT = 1.0V, IPL = 0
–50
–36
–22
µA
Overload Condition, VSENSE – VIMAX = 300mV
–1.7
–1.2
–0.7
mA
CT Discharge Current
VCT = 1.0V, IPL = 0
0.6
1
1.5
µA
CT Fault Threshold
2.2
2.4
2.6
V
CT Reset Threshold
0.32
0.5
0.62
V
Output Duty Cycle
Fault Condition, IPL = 0
1.7
2.7
3.7
%
Output Section
Output High Voltage
IOUT = 0A
8.5
10
V
IOUT = –1mA
6
8
V
Outut Low Voltage
IOUT = 0A; VSENSE – VIMAX = 100mV
0
0.01
V
IOUT = 2mA; VSENSE – VIMAX = 100mV
0.2
0.6
V
Linear Amplifier Section
Sense Control Voltage
IMAX = 100mV
85
100
115
mV
IMAX = 400mV
370
400
430
mV
Input Bias
50
500
nA
Shutdown/Fault Section
Shutdown Threshold
1.4
1.7
2.0
V
Input Current
Shutdown = 5V
15
25
45
µA
Fault Output High
6
7.5
9
V
Fault Output Low
0
0.01
V
Delay to Output
(Note 1)
150
300
ns
SENSE
OUT
PL
VSS
IMAX
SD/FLT
VDD
CT
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
DIL-8, SOIC-8 (Top View)
N or J, D Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com