Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UCC1913
UCC2913
UCC3913
DESCRIPTION
The UCC1913 family of negative voltage circuit breakers provides com-
plete power management, hot swap, and fault handling capability. The IC is
referenced to the negative input voltage and is driven through an external
resistor connected to ground, which is essentially a current drive as op-
posed to the traditional voltage drive. The on-board 10V shunt regulator
protects the IC from excess voltage and serves as a reference for program-
ming the maximum allowable output sourcing current during a fault. All
control and housekeeping functions are integrated, and externally program-
mable. These include the fault current level, maximum output sourcing cur-
rent, maximum fault time, soft start time, and average power limiting. In the
event of a constant fault, the internal timer will limit the on-time from less
than 0.1% to a maximum of 3%. The duty cycle modulates depending on
the current into the PL pin, which is a function of the voltage across the
FET, and will limit average power dissipation in the FET. The fault level is
fixed at 50mV across the current sense amplifier to minimize total dropout.
The fault current level is set with an external current sense resistor. The
maximum allowable sourcing current is programmed with a voltage divider
from VDD to generate a fixed voltage on the IMAX pin. The current level,
when the output appears as a current source, is equal to VIMAX/RSENSE.If
desired, a controlled current startup can be programmed with a capacitor
on the IMAX pin.
When the output current is below the fault level, the output device is
switched on. When the output current exceeds the fault level, but is less
than the maximum sourcing level programmed by the IMAX pin, the output
remains switched on, and the fault timer starts charging CT. Once CT
charges to 2.5V, the output device is turned off and performs a retry some
time later. When the output current reaches the maximum sourcing current
level, the output appears as a current source, limiting the output current to
the set value defined by IMAX.
Other features of the UCC1913 family include undervoltage lockout, and
8-pin small outline (SOIC) and Dual-In-Line (DIL) packages.
Negative Voltage Hot Swap Power Manager
FEATURES
• Precision Fault Threshold
• Programmable Average Power
Limiting
• Programmable Linear Current Control
• Programmable
• Overcurrent Limit
• Programmable Fault Time
• Fault Output Indication
• Shutdown Control
• Undervoltage Lockout
• 8-Pin SOIC
SLUS274 - JANUARY 1999
1
2
LINEAR
CURRENT
AMPLIFIER
PL
7OUT
IMAX
V
DD
50
Ω
8
V
DD
6
SENSE
5
VSS
4CT
ON-TIME
CONTROL
3
VDD
UVLO
5.0V
REF
LOGIC
SUPPLY
9.5V SHUNT REGULATOR
20
µA
1=
UNDERVOLTAGE
SOURCE
ONLY
SD/FLT
V
DD
0.2V
OVERCURRENT
COMPARATOR
DISABLE
5.0V
OVERLOAD COMPARATOR
50mV
BLOCK DIAGRAM
UDG-99001


Similar Part No. - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913 TI1-UCC2913 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913 TI2-UCC2913 Datasheet
497Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
REVISED APRIL 2003
UCC2913D TI-UCC2913D Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913D TI1-UCC2913D Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
HIGH-VOLTAGE HOT-SWAP POWER MANAGER
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Texas Instruments
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com