Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3577 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 9Page - Linear Technology LTC3577 Datasheet HTML 10Page - Linear Technology LTC3577 Datasheet HTML 11Page - Linear Technology LTC3577 Datasheet HTML 12Page - Linear Technology LTC3577 Datasheet HTML 13Page - Linear Technology LTC3577 Datasheet HTML 14Page - Linear Technology LTC3577 Datasheet HTML 15Page - Linear Technology LTC3577 Datasheet HTML 16Page - Linear Technology LTC3577 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
LTC3577/LTC3577-1
13
3577f
TYPICAL PERFORMANCE CHARACTERISTICS
Step-Down Switching Regulator
Output Transient (Burst Mode
Operation)
Step-Down Switching Regulator
Output Transient (Pulse-Skipping
Mode)
800mA Step-Down Switching
Regulator Feedback Voltage
vs Output Current
TA = 25°C unless otherwise specified
OVP Connection Waveform
OVP Reconnection Waveform
Step-Down Switching Regulator
Switch Impedance vs Temperature
500mA Step-Down Switching
Regulator Feedback Voltage
vs Output Current
OVP Protection Waveform
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
3577 G27
0.2
0
–25
75
100
25
125
0.6
0.7
0.8
800mA NMOS
800mA PMOS
500mA
PMOS
500mA
NMOS
VINX = 3.2V
OUTPUT CURRENT (mA)
0.78
0.84
0.85
0.77
0.76
0.83
0.80
0.82
0.81
0.79
0.1
10
100
1000
3577 G28
0.75
1
3.8V
5V
Burst Mode
OPERATION
PULSE-SKIPPING MODE
OUTPUT CURRENT (mA)
0.78
0.84
0.85
0.77
0.76
0.83
0.80
0.82
0.81
0.79
0.1
10
100
1000
3577 G29
0.75
1
3.8V
5V
Burst Mode
OPERATION
PULSE-SKIPPING MODE
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
3577 G31
OVP
INPUT
VOLTAGE
0V TO 5V
STEP 5V/DIV
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
3577 G32
OVP
INPUT
VOLTAGE
5V TO 10V
STEP 5V/DIV
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
3577 G33
OVP
INPUT
VOLTAGE
10V TO 5V
STEP 5V/DIV
VOUT1
50mV/DIV
(AC)
VOUT2
50mV/DIV
(AC)
VOUT3
100mV/DIV
(AC)
IOUT3
500mA
5mA
3577 G25
50μs/DIV
VOUT1 = 3.3V
IOUT1 = 10mA
VOUT2 = 1.8V
IOUT2 = 20mA
VOUT3 = 1.2V
VOUT = VBAT = 3.8V
VOUT1
50mV/DIV
(AC)
VOUT2
50mV/DIV
(AC)
VOUT3
100mV/DIV
(AC)
IOUT3
500mA
5mA
3577 G26
50μs/DIV
VOUT1 = 3.3V
IOUT1 = 30mA
VOUT2 = 1.8V
IOUT2 = 20mA
VOUT3 = 1.2V
VOUT = VBAT = 3.8V
LDO Load Step
LDO1
50mV/DIV
(AC)
LDO2
20mV/DIV
(AC)
IOUT1
100mA
5mA
3577 G30
20μs/DIV
LDO1 = 1.2V
LDO2 = 2.5V
ILDO2 = 40mA
VOUT = VBAT = 3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com