Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3577 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 17Page - Linear Technology LTC3577 Datasheet HTML 18Page - Linear Technology LTC3577 Datasheet HTML 19Page - Linear Technology LTC3577 Datasheet HTML 20Page - Linear Technology LTC3577 Datasheet HTML 21Page - Linear Technology LTC3577 Datasheet HTML 22Page - Linear Technology LTC3577 Datasheet HTML 23Page - Linear Technology LTC3577 Datasheet HTML 24Page - Linear Technology LTC3577 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LTC3577/LTC3577-1
21
3577f
OPERATION
Ideal Diode from BAT to VOUT
The LTC3577 has an internal ideal diode as well as a con-
troller for an optional external ideal diode. Both the internal
and the external ideal diodes respond quickly whenever
VOUT drops below BAT. If the load increases beyond the
input current limit, additional current will be pulled from
the battery via the ideal diodes. Furthermore, if power to
VBUS (USB) or VOUT (external wall power or high voltage
regulator) is removed, then all of the application power
will be provided by the battery via the ideal diodes. The
ideal diodes are fast enough to keep VOUT from dropping
significantly with just the recommended output capacitor
(see Figure 2). The ideal diode consists of a precision ampli-
fier that enables an on-chip P-channel MOSFET whenever
the voltage at VOUT is approximately 15mV (VFWD) below
the voltage at BAT. The resistance of the internal ideal
diode is approximately 200mΩ. If this is sufficient for
the application, then no external components are neces-
sary. However, if lower resistance is needed, an external
P-channel MOSFET can be added from BAT to VOUT. The
IDGATE pin of the LTC3577 drives the gate of the external
P-channel MOSFET for automatic ideal diode control. The
source of the MOSFET should be connected to VOUT and
the drain should be connected to BAT. Capable of driving a
1nF load, the IDGATE pin can control an external P-channel
MOSFET having extremely low on-resistance.
Using the WALL Pin to Detect the Presence of an
External Power Source
The WALL input pin can be used to identify the presence
of an external power source (particularly one that is not
subject to a fixed current limit like the USB VBUS input).
Typically, such a power supply would be a 5V wall adapter
output or the low voltage output of a high voltage buck
regulator (specifically, LT3480, LT3653 or LT3505). When
the wall adapter output (or buck regulator output) is con-
nected directly to the WALL pin, and the voltage exceeds
the WALL pin threshold, the USB power path (from VBUS
to VOUT) will be disconnected. Furthermore, the ACPR pin
will be pulled low. In order for the presence of an external
power supply to be acknowledged, both of the following
conditions must be satisfied:
1. The WALL pin voltage must exceed approximately
4.3V.
2. The WALL pin voltage must be greater than 75mV
above the BAT pin voltage.
The input power path (between VBUS and VOUT) is re-
enabled and the ACPR pin is pulled high when either of
the following conditions is met:
1. The WALL pin voltage falls to within 25mV of the BAT
pin voltage.
2. The WALL pin voltage falls below 3.2V.
Each of these thresholds is suitably filtered in time to
prevent transient glitches on the WALL pin from falsely
triggering an event.
External HV Buck Control Through the VC Pin
The WALL, ACPR and VC pins can be used in conjunction
with an external high voltage buck regulator such as the
LT3480, LT3505 or LT3653 to provide power directly to the
VOUT pin as shown in Figures 3 to 5 (Consult factory for
complete list of approved high voltage buck regulators).
When the WALL pin voltage exceeds 4.3V, VC pin control
circuitry is enabled and drives the VC pin of the LT3480,
LT3505 or LT3653. The VC pin control circuitry is designed
so that no compensation components are required on the
VC node. The voltage at the VOUT pin is regulated to the
larger of (BAT + 300mV) or 3.6V as shown in Figure 6.
4.0V
3.8V
VOUT
3.6V
500mA
–500mA
0
IBAT
IVOUT
LOAD
1A
0A
10μs/DIV
CHARGE
DISCHARGE
3577 F02
VBAT = 3.8V
VBUS = 5V
5x MODE
COUT = 10μF
Figure 2. Ideal Diode Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com