Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3577 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 44Page - Linear Technology LTC3577 Datasheet HTML 45Page - Linear Technology LTC3577 Datasheet HTML 46Page - Linear Technology LTC3577 Datasheet HTML 47Page - Linear Technology LTC3577 Datasheet HTML 48Page - Linear Technology LTC3577 Datasheet HTML 49Page - Linear Technology LTC3577 Datasheet HTML 50Page - Linear Technology LTC3577 Datasheet HTML 51Page - Linear Technology LTC3577 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
LTC3577/LTC3577-1
49
3577f
TYPICAL APPLICATION
WALL
Si2306BDS
Si2333DS
5V WALL
ADAPTER
ACPR
VC
OVGATE
VINLDO2
42
4
41
30
VOUT
39
10μF
13
OVSENSE
8
VBUS
CLPROG
PROG
LDO1
LDO1_FB
LDO2
LDO2_FB
40
USB
43
36
DVCC
10
SDA
SCL
11
499k
12
WAKE
PBSTAT
17
16
PWR_ON
14
ILIM0
1
ILIM1
2
24
29
27
28
ON
15
10μF
6.2k
D3
R1
OPTIONAL OVERVOLTAGE/
REVERSE VOLTAGE PROTECTION
LTC3577
GND
VIN3
6
44
2.2μF
VIN12
CHRG
37
IDGATE
38
BAT
32
SW
18,19,20
NTCBIAS
34
NTC
35
2.2μF
1k
100k
BAT
20μF
1μF
50V
VOUT1
3.3V
500mA
100k
Li-Ion
10μH
ZLLS400
6-LED BACKLIGHT
100k
NTC
Si2333DS
VOUT
SYSTEM
LOAD
Si2333DS
(OPT)
LED_OV
9
ILED
22
6M
324k
LED_FS
3
PG_DCDC
21
SW1
33
FB1
26
VINLDO1
23
4.7μH
20k
2.1k
2k
+
1.02M
10pF
10μF
VOUT2
1.8V
500mA
649k
SW2
31
FB2
25
4.7μH
806k
10pF
10μF
1μF
1μF
VOUT3
1.2V
800mA
464k
470k
464k
PUSHBUTTON
SW3
5
FB3
7
45
3.3μH
232k
10pF
232k
1.00M
VLDO2
2.5V
150mA
VLDO1
1.2V
75mA
10μF
3577 TA02
499k
DVCC
SDA
SCL
WAKE
PBSTAT
PWR_ON
ILIM0
ILIM1
μC/μP
RST
22nF
USB Plus 5V Adapter Input Charger, Multi-Channel Power Supply and PowerPath Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com