Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR1000SP Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STAR1000SP
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000SP Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STAR1000SP Datasheet HTML 5Page - Cypress Semiconductor STAR1000SP Datasheet HTML 6Page - Cypress Semiconductor STAR1000SP Datasheet HTML 7Page - Cypress Semiconductor STAR1000SP Datasheet HTML 8Page - Cypress Semiconductor STAR1000SP Datasheet HTML 9Page - Cypress Semiconductor STAR1000SP Datasheet HTML 10Page - Cypress Semiconductor STAR1000SP Datasheet HTML 11Page - Cypress Semiconductor STAR1000SP Datasheet HTML 12Page - Cypress Semiconductor STAR1000SP Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 9 of 21
Figure 5. Line Selection and Reset Sequence
Latching in a Y- address selects the addressed row and connects
the pixel outputs of that row to the column amplifiers. Through
the sequence of the S and R pulse and the reset pulse in
between the pixel output signal and reset level are sampled and
produced at the output of the column amplifier (to do the FPN
double sampling correction).
At this time horizontal read out of the selected row is started and
another row is reset to effectuate reduced integration time
(electronic rolling shutter).
A0......A9
LD_Y
INTERNAL
S
RESET
R
CAL
(Once each
frame)
ROW
READOUT
Read Address
Reset Address
k
l
m
k
l
m
Row Selected for Readout
Row Selected for Reset
a
b
c
d
e
b
hi
f
d
g
Time Available for Readout of Row Y-1
Idle
Time Available for X-readout of Row Y
Table 6. Timing Constraints of Line Sequence
Symbol
Min
Typ
Description
a3.6
μs
Delay between selection of a new row and falling edge on S.
Minimal value: For maximum, speed a new row can already be selected
during X- read out of the previous row.
b0.4
μs
Duration of S and R pulse.
c
0
100 ns
Delay between falling edge of S and rising edge of reset.
d
200 ns
Minimum duration of reset pulse.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com