Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR1000SP Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # STAR1000SP
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000SP Datasheet(HTML) 3 Page - Cypress Semiconductor

  STAR1000SP Datasheet HTML 1Page - Cypress Semiconductor STAR1000SP Datasheet HTML 2Page - Cypress Semiconductor STAR1000SP Datasheet HTML 3Page - Cypress Semiconductor STAR1000SP Datasheet HTML 4Page - Cypress Semiconductor STAR1000SP Datasheet HTML 5Page - Cypress Semiconductor STAR1000SP Datasheet HTML 6Page - Cypress Semiconductor STAR1000SP Datasheet HTML 7Page - Cypress Semiconductor STAR1000SP Datasheet HTML 8Page - Cypress Semiconductor STAR1000SP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 3 of 21
Average dark current at
293K
223
ρA/cm2
Dark current signal
3135
e-/s
Dark current rises 425 e-/s per Krad.
DSNU signal
1.055% of Vsat
DSNU rises 14 e-/s per Krad.
Optical cross-talk
at 600 nm
Vertical: 16%
Horizontal: 17.5%
Anti-blooming capacity
x 1000
Output amplifier gain
x1, x2.47, x4.59 and x8.64
Controlled by 2 bits.
Analogue input
bandwidth
9.5
MHz
Analogue input signal
range
0.1 to 4.9
V
Analog-to-Digital
converter
10
bit
Radiation-tolerant version of the ADC on Ibis4 and
other image sensors.
ADC Differential
Non-Linearity (DNL)
<= ±3.5
LSB
ADC Integral
Non-Linearity (INL)
<= ±5.8
LSB
Integral non-linearity of ADC is better than linearity
of image sensor.
Supply voltage
5
V
Digital input signals are 3.3V compatible.
Power dissipation
<350
<100
mW
With internal ADC powered.
Without internal ADC powered.
Both values measured at nominal speed (12 MHz).
Table 2. Electro-optical Specifications of the STAR1000 Sensor (continued)
Parameter
Value
Comment
Typical Value
Unit
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com