Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR1000SP Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # STAR1000SP
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000SP Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button STAR1000SP Datasheet HTML 11Page - Cypress Semiconductor STAR1000SP Datasheet HTML 12Page - Cypress Semiconductor STAR1000SP Datasheet HTML 13Page - Cypress Semiconductor STAR1000SP Datasheet HTML 14Page - Cypress Semiconductor STAR1000SP Datasheet HTML 15Page - Cypress Semiconductor STAR1000SP Datasheet HTML 16Page - Cypress Semiconductor STAR1000SP Datasheet HTML 17Page - Cypress Semiconductor STAR1000SP Datasheet HTML 18Page - Cypress Semiconductor STAR1000SP Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 15 of 21
62
VHIGH_ADC
Input
High reference voltage of internal ADC. Nominal input range of the ADC
is between 2V and 4V. The resistance between VLOW_ADC and
VHIGH_ADC is about 1.5 k
Ω.
Connect with 1.1 k
Ω to VDDA and decouple with 100 nF to GND.
63
GND_ADC_ANA
Ground
Analog ground of the ADC circuitry.
64
VDD_ADC_ANA
Supply
Analog supply of the ADC circuitry (typical 5V).
65
VDD_ADC_DIG
Supply
Digital supply of the ADC circuitry (typical 5V).
66
GND_ADC_DIG
Output
Digital ground of the ADC circuitry.
67
VDD_DIG_OUT
Supply
Power supply of ADC digital output. Connect to 5V for normal operation.
Can be brought to lower voltage when image sensor must be interfaced
to low voltage periphery.
68
D1
Output
ADC output bits. #D0 = LSB, D9 = MSB.
69
D2
Output
70
D3
Output
71
D4
Output
72
D5
Output
73
VDDA
Supply
Analog supply of the image core (typical 5V).
74
GNDA
Ground
Analog ground of the image core (typical 5V).
75
GND_AB
Supply
Anti-blooming drain control voltage. Default: connect to ground where the
anti-blooming is operational but not maximal. Apply 1V DC for improved
anti-blooming.
76
VREF
Supply
Analog supply. Reset level for RESET_DS. Is used for extended optical
dynamic range. See FAQ for more details.
77
VRES
Supply
Analog supply. Reset level for RESET (typical 5V).
78
D6
Output
ADC output bits. #D0 = LSB, D9 = MSB.
79
D7
Output
80
D8
Output
81
D9
Output
82
A0
Input
Digital input. Address inputs for row and column addressing. A9 = LSB,
A0 = MSB.
83
A1
Input
84
A2
Input
Table 8. Pin List of the STAR1000 Sensor (continued)
Pin
Pin Name
Pin Type
Pin Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com