Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4615
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 10Page - Linear Technology LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4615
14
4615f
APPLICATIONS INFORMATION
VLDO SECTION
Adjustable Output Voltage
The output voltage is set by the ratio of two resistors. A
4.99k resistor is built onboard the module from LDO_OUT
to FB3. An additional resistor (RFBLDO)is required from FB3
to GND3 to set the output voltage over a range of 0.4V to
2.6V. Minimum output current of 1mA is required for full
output voltage range.
The equation:
VV
kR
R
OUT
FBLDO
FBLDO
=
+
04
499
.•
.
Power Good Operation
The VLDO includes an open-drain power good (PGOOD3)
pin with hysteresis. If the VLDO is in shutdown or under
UVLO conditions (BOOST3 < 4.2V), then PGOOD3 is low
impedance to ground. PGOOD3 becomes high imped-
ance when the VLDO output voltage rises to 93% of its
regulated voltage. PGOOD3 stays high impedance until
the output voltage falls to 91% of its regulated voltage. A
pull-up resistor can be inserted between the PGOOD3 pin
and a positive logic supply such as the VLDO output or
VIN. LDO_IN should be at least 1.14V or greater for power
good to operate properly.
Output Capacitance and Transient Response
The VLDO is designed to be stable with a wide range of
ceramic output capacitors. The ESR of the output capaci-
tors affects stability, especially smaller value capacitors. An
output capacitor of 10μF or greater with an ESR of 0.05Ω
or less is recommended to ensure stability. Larger value
capacitors can be used to reduce the transient deviations
under load changes. Bypass capacitors that are used at
the load device can also increase the effective output
capacitance. High ESR tantalum or electrolytic bulk ca-
pacitance can be used, but a ceramic capacitor must be
used in parallel at the output.
Extra consideration should be given to the use of ceramic
capacitors related to dielectrics, temperature and DC bias
effects on the capacitor. The VLDO requires a minimum
10μF value. The X7R and X5R dielectrics are more stable
with DC bias and temperature, thus more preferred.
Short-Circuit/Thermal Protection
The VLDO has built-in short-circuit current limiting of
~3A as well as overtemperature protection. During short-
circuit conditions the device is in control to 3A, and as
the internal temperature rises to approximately 150°C,
then the internal boost and LDO are shut down until the
internal temperature drops back to 140°C. The device will
cycle in and out of this mode with no latchup or damage.
Long term over stress in this condition can degrade the
device over time.
Reverse Current Protection
The VLDO features reverse current protection to limit
current draw from any supplementary power source at
the output. Figure 4 shows the reverse output current
limit for constant input and output cases. Note: Positive
input current represents current flowing into the LDO_IN
pin. With LDO_OUT held at or below the output regula-
tion voltage and LDO_IN varied, input current flow will
follow Figure 4 curves. Input reverse current ramps up
to 16μA as the LDO_IN approaches LDO_OUT. Reverse
input current will spike up as LDO_IN approaches with in
30mV of LDO_OUT as reverse current protection circuitry
is disabled and normal operation resumes. As LDO_IN
transitions above LDO_OUT the reverse current transi-
tions into short circuit current as long as LDO_OUT is
held below the regulation voltage.
Figure 4. Reverse Current Limit for VLDO
INPUT VOLTAGE (V)
4615 F04
30
20
10
0
–10
–20
–30
0
0.6
0.9
1.2
0.3
1.5
1.8
IN CURRENT
LIMIT ABOVE 1.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com