Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4615
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 2Page - Linear Technology LTM4615 Datasheet HTML 3Page - Linear Technology LTM4615 Datasheet HTML 4Page - Linear Technology LTM4615 Datasheet HTML 5Page - Linear Technology LTM4615 Datasheet HTML 6Page - Linear Technology LTM4615 Datasheet HTML 7Page - Linear Technology LTM4615 Datasheet HTML 8Page - Linear Technology LTM4615 Datasheet HTML 9Page - Linear Technology LTM4615 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4615
6
4615f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up
Start-Up
VFB vs Temperature
Current Limit Foldback
Short-Circuit Protection
1.5V Short, No Load
VFB3 vs Temperature
Dropout Voltage vs Input Voltage
Ripple Rejection
VOUT
1V/DIV
IIN
1A/DIV
VIN = 5V
VOUT = 2.5V
COUT = 100μF
NO LOAD
(0.01μF SOFT-START CAPACITOR)
200μs/DIV
4615 G10
VOUT
1V/DIV
IIN
1A/DIV
VIN = 5V
VOUT = 2.5V
COUT = 100μF
4A LOAD
(0.01μF SOFT-START CAPACITOR)
200μs/DIV
4615 G11
TEMPERATURE (°C)
–50
794
796
798
800
802
804
806
–25
50
0
25
125
100
75
4615 G12
OUTPUT CURRENT (A)
3
0.6
0.8
1.0
6
8
4615 G13
0.4
0.2
0
45
7
1.2
1.4
1.6
VIN = 5V
VIN = 3.3V
VIN = 2.5V
VOUT = 1.5V
VOUT
0.5V/DIV
IIN
4A/DIV
20μs/DIV
4615 G14
Short-Circuit Protection
1.5V Short, 4A Load
VOUT
0.5V/DIV
IIN
1A/DIV
100μs/DIV
4615 G15
4615 G16
TEMPERATURE (°C)
–50
–25
404
403
402
401
400
399
398
397
396
75
100
050
25
125
1mA
1.5A
VBOOST3 = 5V
VLDO_IN = 1.5V
VLDO_OUT =1.2V
4615 G17
VLDO_IN (V)
1.2
200
180
160
140
120
100
80
60
40
20
0
2.2
1.4
1.6
1.8
2.4
2.0
2.6
–40°C
25°C
85°C
125°C
VFB3 = 0.38V
ILDO_OUT =1.5A
4615 G18
VLDO_IN (V)
1.2
60
50
40
30
20
10
0
1.8
2.2
1.4
1.6
2.0
2.4
2.6
1MHz
100kHz
10kHz
VBOOST3 = 5V
VLDO_OUT =1.2V
IOUT = 800mA
COUT = 10μF
VLDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com