Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4615
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 2 Page - Linear Technology

  LTM4615 Datasheet HTML 1Page - Linear Technology LTM4615 Datasheet HTML 2Page - Linear Technology LTM4615 Datasheet HTML 3Page - Linear Technology LTM4615 Datasheet HTML 4Page - Linear Technology LTM4615 Datasheet HTML 5Page - Linear Technology LTM4615 Datasheet HTML 6Page - Linear Technology LTM4615 Datasheet HTML 7Page - Linear Technology LTM4615 Datasheet HTML 8Page - Linear Technology LTM4615 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4615
2
4615f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Switching Regulators
VIN1, VIN2, PGOOD1, PGOOD2 ..................... –0.3V to 6V
COMP1, COMP2, RUN/SS1, RUN/SS2
VFB1, VFB2,TRACK1, TRACK2 .......................–0.3V to VIN
SW, VOUT........................................–0.3V to (VIN + 0.3V)
Very Low Dropout Regulator
LDO_IN, PGOOD3 ........................................ –0.3V to 6V
LDO_OUT........................................................–0.3 to 4V
(EN3, FB3) to GND3 ............... –0.3V to (LDO_IN + 0.3V)
LDO_OUT Short-Circuit.................................... Indefinite
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
LGA PACKAGE
144-LEAD (15mm
15mm
2.8mm)
TOP VIEW
12345678
10
911
12
L
K
J
H
G
F
E
D
C
B
M
A
TJMAX = 125°C, θJC-BOTTOM = 2-3°C/W, θJA = 15°C/W, θJC-TOP = 25°C/W, wt = 1.61g
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN(DC)
Input DC Voltage Range
l
2.375
5.5
V
VOUT(DC)
Output DC Voltage Range
l
0.8
5.0
V
VOUT(DC)
Output Voltage
CIN = 22μF, COUT = 100μF, RFB = 5.76k,
VIN = 2.375V to 5.5V, IOUT = 0A to 4A (Note 6)
0°C ≤ TJ ≤ 125°C
l
1.460
1.45
1.49
1.49
1.12
1.512
V
V
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
1.6
2
2.3
V
The
l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, LDO_IN = 1.2V unless otherwise noted.
Per Typical Application Figure 12.
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4615EV#PBF
LTM4615EV#PBF
LTM4615V
144-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4615IV#PBF
LTM4615IV#PBF
LTM4615V
144-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION
(See Pin Functions, Pin Configuration Table)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com