Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC29421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 9Page - Texas Instruments UCC29421 Datasheet HTML 10Page - Texas Instruments UCC29421 Datasheet HTML 11Page - Texas Instruments UCC29421 Datasheet HTML 12Page - Texas Instruments UCC29421 Datasheet HTML 13Page - Texas Instruments UCC29421 Datasheet HTML 14Page - Texas Instruments UCC29421 Datasheet HTML 15Page - Texas Instruments UCC29421 Datasheet HTML 16Page - Texas Instruments UCC29421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
boost using N- and P-channel MOSFETs
For output voltages greater than the input and greater than about 3.0 V, a P-channel may be used for the
synchronous rectifier. This configuration is shown in Figure 5. In this case, the VPUMP pin should be connected
to VOUT. This configuration can be used for a 3.3 V output if a low voltage logic MOSFET is used.
relating peak inductor current to average output current for the boost converter
For a continuous mode boost converter, the average output current is related to the peak inductor current by
the following:
I
PEAK +
I
OUT
(1
* D)
) di
2
(5)
where D is the duty cycle and the inductor ripple current, di, is defined as:
di
+
t
ON
V
IN
L
+
D
V
IN
f
L
(6)
where f is the switching frequency and L is the inductor value. The duty cycle is defined as:
D
+
V
O *
V
IN
V
O
(7)
Substituting equations (6) and (7) into equation (5) yields:
I
PEAK +
I
OUT
1
*
V
O*
V
IN
V
O
)
V
IN
2
f
L
V
O *
V
IN
V
O
(8)
Note that in these equations, the voltage drop across the rectifier has been neglected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com