Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC29421 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments UCC29421 Datasheet HTML 31Page - Texas Instruments UCC29421 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
UCC39422 features (continued)
UDG−99034
2
4
3
5
6
8
7
9
19
17
18
16
15
13
14
12
1 k
0.1
µF
R
SLOPE
ISENSE
VOUT
RSEN
VGRECT
PGND
CHRG
VPUMP
CP
RSEL
RT
GND
PFM
FB
COMP
SYNC/SD
UCC39422
C
POLE
R
COMP
C
COMP
RT
100 k
L1
+C
IN
0.1
µF
RG
RG
+ C OUT
V
IN
+V
OUT
10
VIN
1
RESET* (ACTIVE LOW)
0.1
µF
R1
250 k
+V
IN
C
RESET
RSETB
Q1 (N)
R
SENSE
20
RSADJ
Q1 (P)
11
VDET
LOWBAT (ACTIVE HIGH)
47 pF
R2
150 k
THRESHOLD = 2.0 V
+V
IN
LOWBAT
Figure 18. Typical UCC39422 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com