Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC29421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 17Page - Texas Instruments UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
start up (continued)
If input voltages below 2.5 V are expected, it is important to use a low voltage logic N-channel MOSFET (with
a threshold voltage around 1 V or less) to ensure start-up at full load.
A block diagram of the low voltage start-up logic is shown in Figure 12.
UDG−98121
DRIVER
5−
µsec
DELAY
2.5−
µsec
DELAY
MUX
VIN
VPUMP
2.5 V < VPUMP
LPM < VCOMP
NORMAL PWM
B
A
VOUT
VIN
2.5 V < VPUMP
2.5 V < VOUT
VPUMP
UCC39421
+
S
R
Q
Q
A/B
+
RSENSE
CFLY
COUT
CPUMP
L
DBODY
36 mV
−
−
Figure 12. Symplified Diagram of Low Voltage Start−Up and Charge Pump Control Logic
anticross-conduction and adaptive synchronous rectifier commutation logic
When operating in the continuous conduction mode (CCM), the charge MOSFET and the synchronous rectifier
MOSFET are simply driven out of phase, so that when one is on the other is off. There is a built-in time delay
of about 30 ns to prevent any cross-conduction.
In the event that the converter is operating in the discontinuous conduction mode (DCM), the synchronous
rectifier needs to be turned off sooner, when the rectifier current drops to zero. Otherwise, the output begins
to discharge as the current reverses and goes back through the rectifier to the input. (This obviously cannot
happen when using a conventional diode rectifier). To prevent this, the UCC39421 incorporates a high-speed
comparator that senses the voltage on the synchronous rectifier (using the RSEN input) for purposes of
commutation. In the boost and SEPIC topologies, the synchronous rectifier is turned off when the voltage on
the RSEN pin goes negative with respect to VOUT. For this reason, it is important to have the VOUT pin well
decoupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com