Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5621 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5621
Description  27 - Line SCSI Terminator With Split Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5621 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5621 Datasheet HTML 1Page - Texas Instruments UCC5621 Datasheet HTML 2Page - Texas Instruments UCC5621 Datasheet HTML 3Page - Texas Instruments UCC5621 Datasheet HTML 4Page - Texas Instruments UCC5621 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UCC5621
DESCRIPTION
UCC5621 provides 27 lines of active termination for a SCSI (Small Com-
puter Systems Interface) parallel bus. The SCSI standard recommends ac-
tive termination at both ends of the cable.
The UCC5621 is ideal for high performance 5V SCSI systems. During dis-
connect the supply current is typically only 100
µA, which makes the IC at-
tractive for lower powered systems.
The UCC5621 features a split reverse disconnect allowing the user to con-
trol termination lines 10 to 27 with disconnect one, DISCNCT1, and control
terminiation lines 1 to 9 with disconnect two, DISCNCT2.
The UCC5621 is designed with a low channel capacitance of 2.5pF, which
eliminates effects on signal integrity from disconnected terminators at in-
terim points on the bus.
The power amplifier output stage allows the UCC5621 to source full termi-
nation current and sink active negation current when all termination lines
are actively negated.
The UCC5621, as with all Unitrode terminators, is completely hot plugga-
ble and appears as high impedance at the teminating channels with
VTRMPWR = 0V or open.
Internal circuit trimming is utilized, first to trim the 110
Ω impedance, and
then most importantly, to trim the output current as close to the maximum
SCSI-3 specification as possible, which maximizes noise margin in FAST-
20 SCSI operation.
(continued)
27 - Line SCSI Terminator With Split Reverse Disconnect
BLOCK DIAGRAM
FEATURES
• Complies with SCSI, SCSI-2, SCSI-3,
SPI and FAST-20 (Ultra) Standards
• 2.5pF Channel Capacitance During
Disconnect
• 100µA Supply Current in Disconnect
Mode
• 4V To 7V Operation
• 110Ω Termination
• Completely Meets SCSI Hot Plugging
• –900mA Sourcing Current for
Termination
• +500mA Sinking Current for Active
Negation
• Logic Command Disconnects all
Termination Lines
• Split Reverse Controls Lines 1 to 9
and 10 to 27 Separately
• Trimmed Impedance to 5%
• Current Limit and Thermal Shutdown
Protection
10/98
UDG-96111
Circuit Design Patented


Similar Part No. - UCC5621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5621 TI-UCC5621 Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5621MWPG4 TI-UCC5621MWPG4 Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
More results

Similar Description - UCC5621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
18-Line SCSI Terminator Reverse Disconnect
UCC5619 TI-UCC5619 Datasheet
103Kb / 4P
27-Line SCSI Terminator With Reverse Disconnect
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
27-Line SCSI Terminator
UCC5622 TI-UCC5622 Datasheet
287Kb / 5P
27 - Line SCSI Terminator With Split Disconnect
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5620 TI1-UCC5620_09 Datasheet
392Kb / 9P
27-Line SCSI Terminator
UCC5622 TI1-UCC5622_15 Datasheet
219Kb / 8P
27 - Line SCSI Terminator With Split Disconnect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com