Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5621 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5621
Description  27 - Line SCSI Terminator With Split Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5621 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5621 Datasheet HTML 1Page - Texas Instruments UCC5621 Datasheet HTML 2Page - Texas Instruments UCC5621 Datasheet HTML 3Page - Texas Instruments UCC5621 Datasheet HTML 4Page - Texas Instruments UCC5621 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5621
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage ................................+7V
Signal Line Voltage ..........................0Vto+7V
Regulator Output Current .......................... 1.5A
Storage Temperature ...................
-65°C to +150°C
Junction Temperature ...................
-55°C to +150°C
Lead Temperature (Soldering, 10 Sec.)............. +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
CONNECTION DIAGRAM
QSOP-44 (Top View)
MWP Package
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT1 = DSCNCT2 = 4.75V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT1 = DSCNCT2 = 0V
100
200
µA
Other features include thermal shutdown and current
limit. This device is offered in low thermal resistance ver-
sions of the industry standard 44 pin wide body QSOP
(MWP) and 48 pin LQFP. Consult QSOP-44 and FQP-48
Packaging Diagrams for exact dimensions.
DESCRIPTION (cont.)
LQFP-48 (Top View)
FQP Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com