Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5621 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5621
Description  27 - Line SCSI Terminator With Split Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5621 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5621 Datasheet HTML 1Page - Texas Instruments UCC5621 Datasheet HTML 2Page - Texas Instruments UCC5621 Datasheet HTML 3Page - Texas Instruments UCC5621 Datasheet HTML 4Page - Texas Instruments UCC5621 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5621
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT1 = DSCNCT2 = 4.75V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ =25°C
-22.1 -23.3
-24
mA
VLINE = 0.2V
-20.7 -23.3
-24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ = 25°C (Note 1)
-21
-23
-24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
-20
-23
-24
mA
VLINE = 0.5V
-22.4
mA
Output Leakage
DISCNCT1 = DISCNCT2 = 0V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT1 = DISCNCT2 = 0V (Note 2)
2.5
4
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.4
0.8
V
Short Circuit Current
VREG =0V
-650
-900 –1300
mA
Sinking Current Capability
VREG = 3.5V
300
500
900
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold DISCNCT1
Controls Lines 10 to 27
0.8
1.5
2.0
V
Input Current DISCNCT1
DISCNCT1 = 0V
–10
–30
µA
Disconnect Threshold DISCNCT2
Controls Lines 1 to 9
0.8
1.5
2
V
Input Current DISCNCT2
DISCNCT2 = 0V
–10
–30
µA
Note 1: Measuring each termination line while other 26 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
Note 3: Tested by measuring IOUT with VOUT = 0.2V and VOUT with no load, then calculate:
Z VN L
V
Iat
V
OUT
OUT
=
..
.
.
02
02
DISCNCT1: Disconnect one controls termination lines
L10 – L27. Taking this pin low causes termination lines
L10 – L27 to become high impedence, taking this pin
high or leaving it open allows the channels to provide
normal termination.
DISCNCT2 : Disconnect two controls termination lines
L1 – L9. Taking this pin low causes termination lines L1 –
L9 to become high impedence. Taking this pin high or
leaving it open allows the channels to provide normal ter-
miniation. Taking both disconnect pins low will put the
chip in to sleep mode where it will be in low-power mode.
GND: Ground reference for the IC.
L1 - L27: 110
Ω termination channels.
REG: Output of the internal 2.7V regulator.
TRMPWR: Power for the IC.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com