Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5950 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5950
Description  10-Bit Serial D/A Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5950 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5950 Datasheet HTML 1Page - Texas Instruments UCC5950 Datasheet HTML 2Page - Texas Instruments UCC5950 Datasheet HTML 3Page - Texas Instruments UCC5950 Datasheet HTML 4Page - Texas Instruments UCC5950 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BLOCK DIAGRAM
2/95
FEATURES
•
10 Bit Resolution
•
1.1
µs Output Rise Time
•
2.5
µs Settling Time to 1%
•
Single +5V Supply
•
Monotonic
•
Low Power Sleep Mode
•
Three-wire Serial Interface
•
20MHz Data Rate
•
8 Pin SOIC and DIL Package
DESCRIPTION
The UCC5950 is a self-contained, microprocessor-compatible 10-bit D/A con-
verter. It contains all of the functions required to take data directly from a three-
wire serial data bus and convert it to a precise voltage, including: an input shift
register, data latches, a precision voltage reference, a precision 10-bit digital to
analog converter, and an output buffer amplifier.
The serial data interface is capable of clock frequencies as high as 20MHz, al-
lowing update rates as high as two words per microsecond. The UCC5950 ac-
cepts commands encoded as 2’s-complement binary.
The data converter in the UCC5950 is inherently monotonic, making this part
ideal for use in closed-loop servo control systems as well as open-loop data
conversion. The UCC5950 uses a unique segmented data converter which of-
fers differential linearity better than 1 LSB, integral linearity better than 2 LSB,
and fast conversion.
UCC5950
10-Bit Serial D/A Converter
UDG-95034


Similar Part No. - UCC5950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5950 TI-UCC5950 Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
UCC5950DTR TI-UCC5950DTR Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
UCC5950N TI-UCC5950N Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
More results

Similar Description - UCC5950

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
CMOS Serial 10-Bit A/D Converter
July 1998
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
10-BIT SERIAL I/O A/D CONVERTER
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
CMOS Serial 10-Bit A/D Converter
April 2002
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
10-Bit A/D Converter with Serial Interface - CMOS
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
10-Bit A/D Converter With Serial Interface CMOS
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
10-Bit Serial D/A Converter
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com