Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT7F80K Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT7F80K
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT7F80K Datasheet(HTML) 4 Page - Microsemi Corporation

  APT7F80K Datasheet HTML 1Page - Microsemi Corporation APT7F80K Datasheet HTML 2Page - Microsemi Corporation APT7F80K Datasheet HTML 3Page - Microsemi Corporation APT7F80K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786
5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
e3 100% Sn Plated
TO-220 (K) Package Outline
Dimensions in Inches and (Millimeters)
Source
Gate
Drain
Drain
1ms
100ms
Rds(on)
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
D = 0.9
Scaling for Different Case & Junction
Temperatures:
I
D
= I
D(T
C
= 25
°C)*(TJ - TC)/125
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
DC line
100µs
I
DM
10ms
13µs
100µs
I
DM
100ms
10ms
13µs
Rds(on)
DC line
T
J
= 150°C
T
C
= 25°C
1ms
T
J
= 125°C
T
C
= 75°C
V
DS
, DRAIN-TO-SOURCE VOLTAGE (V)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 9, Forward Safe Operating Area
Figure 10, Maximum Forward Safe Operating Area
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
Figure 11. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
1
10
100
1000
1
10
100
1000
50
10
1
0.1
50
10
1
0.1
0.60
0.50
0.40
0.30
0.20
0.10
0
APT7F80K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com