Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT7F80K Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT7F80K
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT7F80K Datasheet(HTML) 2 Page - Microsemi Corporation

  APT7F80K Datasheet HTML 1Page - Microsemi Corporation APT7F80K Datasheet HTML 2Page - Microsemi Corporation APT7F80K Datasheet HTML 3Page - Microsemi Corporation APT7F80K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Dynamic Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J
= 25°C, L = 35.63mH, R
G
= 25
Ω, I
AS
= 4A.
3 Pulse test: Pulse Width < 380µs, duty cycle < 2%.
4 C
o(cr)
is defined as a fixed capacitance with the same stored charge as C
OSS
with V
DS
= 67% of V
(BR)DSS
.
5 C
o(er)
is defined as a fixed capacitance with the same stored energy as C
OSS
with V
DS
= 67% of V
(BR)DSS
. To calculate C
o(er)
for any value of
V
DS
less than V
(BR)DSS,
use this equation: C
o(er)
= 4.24E-9/V
DS
^2 + 5.44E-9/V
DS
+ 2.10E-11.
6 R
G
is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
µA
nA
Unit
S
pF
nC
ns
Unit
A
V
ns
µC
A
V/ns
Min
Typ
Max
800
0.87
1.39
1.50
2.5
4
5
-10
250
1000
±100
Min
Typ
Max
7
25
1.3
140
160
220
260
0.45
0.94
7.03
9.82
25
Min
Typ
Max
6
1335
23
135
65
31
43
7
22
8
11
33
10
Test Conditions
V
GS
= 0V
, I
D
= 250µA
Reference to 25°C, I
D
= 250µA
V
GS
= 10V
, I
D
= 4A
V
GS
= V
DS,
I
D
= 0.5mA
V
DS
= 800V
T
J
= 25°C
V
GS
= 0V
T
J
= 125°C
V
GS
= ±30V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD
= 4A
, T
J
= 25°C, V
GS
= 0V
T
J
= 25°C
T
J
= 125°C
I
SD
= 4A 3
T
J
= 25°C
V
DD
= 100V
T
J
= 125°C
di
SD/
dt = 100A/µs
T
J
= 25°C
T
J
= 125°C
I
SD ≤
4A, di/dt
≤1000A/µs, V
DD
= 533V,
T
J
= 125°C
Test Conditions
V
DS
= 50V
, I
D
= 4A
V
GS
= 0V
, V
DS
= 25V
f = 1MHz
V
GS
= 0V
, V
DS
= 0V to 533V
V
GS
= 0 to 10V
, I
D
= 4A,
V
DS
= 400V
Resistive Switching
V
DD
= 533V
, I
D
= 4A
R
G
= 10
Ω 6 , V
GG
= 15V
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Symbol
V
BR(DSS)
ΔV
BR(DSS)
/
ΔT
J
R
DS(on)
V
GS(th)
ΔV
GS(th)
/
ΔT
J
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
APT7F80K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com