Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT7F80K Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT7F80K
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT7F80K Datasheet(HTML) 1 Page - Microsemi Corporation

  APT7F80K Datasheet HTML 1Page - Microsemi Corporation APT7F80K Datasheet HTML 2Page - Microsemi Corporation APT7F80K Datasheet HTML 3Page - Microsemi Corporation APT7F80K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel FREDFET
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
G
D
S
Single die FREDFET
Unit
A
V
mJ
A
Unit
W
°C/W
°C
oz
g
in·lbf
N·m
Ratings
7
4.5
25
±30
285
4
Min
Typ
Max
225
0.56
0.11
-55
150
300
0.07
1.2
10
1.1
Parameter
Continuous Drain Current @ T
C
= 25°C
Continuous Drain Current @ T
C
= 100°C
Pulsed Drain Current 1
Gate-Source Voltage
Single Pulse Avalanche Energy 2
Avalanche Current, Repetitive or Non-Repetitive
Characteristic
Total Power Dissipation @ T
C
= 25°C
Junction to Case Thermal Resistance
Case to Sink Thermal Resistance, Flat, Greased Surface
Operating and Storage Junction Temperature Range
Soldering Temperature for 10 Seconds (1.6mm from case)
Package Weight
Mounting Torque ( TO-220 Package), 4-40 or M3 screw
Symbol
I
D
I
DM
V
GS
E
AS
I
AR
Symbol
P
D
RθJC
RθCS
T
J
,T
STG
T
L
W
T
Torque
TYPICAL APPLICATIONS
• ZVS phase shifted and other full bridge
• Half bridge
• PFC and other boost converter
• Buck converter
• Single and two switch forward
• Flyback
FEATURES
• Fast switching with low EMI
• Low trr for high reliability
• Ultra low Crss for improved noise immunity
• Low gate charge
• Avalanche energy rated
• RoHS compliant
APT7F80K
APT7F80K
800V, 7A, 1.50
Ω MAX,TRR ≤ 160nS
Power MOS 8™ is a high speed, high voltage N-channel switch-mode power MOSFET.
This 'FREDFET' version has a drain-source (body) diode that has been optimized for
high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft
recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly
reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The
intrinsic gate resistance and capacitance of the poly-silicon gate structure help control
di/dt during switching, resulting in low EMI and reliable paralleling, even when switching
at very high frequency.
MicrosemiWebsite-http://www.microsemi.com


Similar Part No. - APT7F80K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT7F100B MICROSEMI-APT7F100B Datasheet
435Kb / 4P
N-Channel FREDFET
logo
Inchange Semiconductor ...
APT7F100B ISC-APT7F100B Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT7F100S MICROSEMI-APT7F100S Datasheet
435Kb / 4P
N-Channel FREDFET
APT7F120B MICROSEMI-APT7F120B Datasheet
262Kb / 4P
N-Channel FREDFET 1200V, 7A, 2.90廓 Max, trr ??90ns
APT7F120B MICROSEMI-APT7F120B Datasheet
134Kb / 4P
N-Channel FREDFET 1200V, 7A, 2.4廓 Max, trr ??90ns
More results

Similar Description - APT7F80K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
N-Channel FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
N-Channel FREDFET
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
N-Channel FREDFET
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
N-Channel FREDFET
APT17F80B MICROSEMI-APT17F80B Datasheet
437Kb / 4P
N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
N-Channel FREDFET
APT80F60J MICROSEMI-APT80F60J_11 Datasheet
236Kb / 4P
N-Channel FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com